データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA1281V データシート(PDF) 25 Page - ATMEL Corporation

部品番号 ATMEGA1281V
部品情報  8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1281V データシート(HTML) 25 Page - ATMEL Corporation

Back Button ATMEGA1281V Datasheet HTML 21Page - ATMEL Corporation ATMEGA1281V Datasheet HTML 22Page - ATMEL Corporation ATMEGA1281V Datasheet HTML 23Page - ATMEL Corporation ATMEGA1281V Datasheet HTML 24Page - ATMEL Corporation ATMEGA1281V Datasheet HTML 25Page - ATMEL Corporation ATMEGA1281V Datasheet HTML 26Page - ATMEL Corporation ATMEGA1281V Datasheet HTML 27Page - ATMEL Corporation ATMEGA1281V Datasheet HTML 28Page - ATMEL Corporation ATMEGA1281V Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
2549NS–AVR–05/11
ATmega640/1280/1281/2560/2561
10. Packaging Information
10.1
100A
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
100A, 100-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness,
0.5 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
D
100A
2010-10-20
PIN 1 IDENTIFIER
0°~7°
PIN 1
L
C
A1
A2
A
D1
D
e
E1
E
B
A
1.20
A1
0.05
0.15
A2
0.95
1.00
1.05
D
15.75
16.00
16.25
D1
13.90
14.00
14.10
Note 2
E
15.75
16.00
16.25
E1
13.90
14.00
14.10
Note 2
B
0.17
0.27
C
0.09
0.20
L
0.45
0.75
e
0.50 TYP
Notes:
1. This package conforms to JEDEC reference MS-026, Variation AED.
2. Dimensions D1 and E1 do not include mold protrusion. Allowable
protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum
plastic body size dimensions including mold mismatch.
3. Lead coplanarity is 0.08 mm maximum.
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE


同様の部品番号 - ATMEGA1281V

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA1281V ATMEL-ATMEGA1281V Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA1281V ATMEL-ATMEGA1281V Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA1281V ATMEL-ATMEGA1281V Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA1281V ATMEL-ATMEGA1281V Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA1281V ATMEL-ATMEGA1281V Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
More results

同様の説明 - ATMEGA1281V

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA640 ATMEL-ATMEGA640_12 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA640V_0701 ATMEL-ATMEGA640V_0701 Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA603 ATMEL-ATMEGA603 Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com