データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF599 データシート(PDF) 2 Page - Siemens Semiconductor Group

部品番号 BF599
部品情報  NPN Silicon RF Transistor (Common emitter IF/RF amplifier Low feedback capacitance due to shield diffusion)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF599 データシート(HTML) 2 Page - Siemens Semiconductor Group

  BF599 Datasheet HTML 1Page - Siemens Semiconductor Group BF599 Datasheet HTML 2Page - Siemens Semiconductor Group BF599 Datasheet HTML 3Page - Siemens Semiconductor Group BF599 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BF 599
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics
AC Characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR) CE0
25
nA
Collector cutoff current
VCB = 20 V, IE = 0
ICB0
100
DC current gain
IC = 7 mA, VCE = 10 V
hFE
38
70
V
Collector-emitter saturation voltage
IC = 10 mA, IB = 1 mA
VCE sat
0.15
Base-emitter voltage
IC = 7 mA, VCE = 10 V
VBE
0.78
MHz
Transition frequency
IC = 5 mA, VCE = 10 V, f = 100 MHz
fT
550
pF
Collector-base capacitance
VCB = 10 V, VBE = 0 V, f = 1 MHz
Ccb
0.35
Collector-emitter capacitance
VCE = 10 V, VBE = 0 V, f = 1 MHz
Cce
0.68
dB
Optimum power gain
IC = 7 mA, VCE = 10 V, f = 35 MHz
Gpe opt
–43
mS
Forward transfer admittance
IC = 7 mA, VCE = 10 V, f = 35 MHz
I y21e I
175


同様の部品番号 - BF599

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
BF599 KEC-BF599 Datasheet
125Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
logo
Diotec Semiconductor
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
KEC(Korea Electronics)
BF599 KEC-BF599 Datasheet
177Kb / 5P
   2SC3229
BF599 KEC-BF599 Datasheet
34Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

同様の説明 - BF599

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BF840 SIEMENS-BF840 Datasheet
20Kb / 2P
   NPN Silicon RF Transistors (Suitable for common emitter RF, IF amplifiers Low collector-base capacitance due to contact shield diffusion)
logo
Motorola, Inc
MMBR5179LT1 MOTOROLA-MMBR5179LT1 Datasheet
47Kb / 2P
   RF AMPLIFIER TRANSISTOR NPN SILICON
logo
AUK corp
2SC5345 AUK-2SC5345 Datasheet
123Kb / 4P
   NPN Silicon Transistor (RF amplifier)
logo
Zarlink Semiconductor I...
SL610 ZARLINK-SL610 Datasheet
344Kb / 7P
   RF/IF AMPLIFIER
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
   RF-IF AMPLIFIER
logo
ON Semiconductor
MSC3930-BT1 ONSEMI-MSC3930-BT1 Datasheet
42Kb / 2P
   NPN RF Amplifier Transistor
October, 2005 ??Rev. 3
logo
Siemens Semiconductor G...
2N6620 SIEMENS-2N6620 Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW NOISE RF BROADBAND AMPLIFIER
logo
Advanced Semiconductor
MRF837 ASI-MRF837 Datasheet
25Kb / 1P
   NPN SILICON RF LOW POWER TRANSISTOR
ALN68135 ASI-ALN68135 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
ALN64535 ASI-ALN64535 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com