データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF994S データシート(PDF) 1 Page - Siemens Semiconductor Group

部品番号 BF994S
部品情報  Silicon N Channel MOSFET Tetrode (For VHF applications, especially for input and mixer stages with a wide tuning range, e.g. in CATV tuners)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF994S データシート(HTML) 1 Page - Siemens Semiconductor Group

  BF994S Datasheet HTML 1Page - Siemens Semiconductor Group BF994S Datasheet HTML 2Page - Siemens Semiconductor Group BF994S Datasheet HTML 3Page - Siemens Semiconductor Group BF994S Datasheet HTML 4Page - Siemens Semiconductor Group BF994S Datasheet HTML 5Page - Siemens Semiconductor Group BF994S Datasheet HTML 6Page - Siemens Semiconductor Group BF994S Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Silicon N Channel MOSFET Tetrode
BF 994 S
q
For VHF applications, especially for input
and mixer stages with a wide tuning
range, e.g. in CATV tuners
Maximum Ratings
Type
Marking
Package1)
Pin Configuration
BF 994 S
Q62702-F1020
MG
SOT-143
1
2
3
4
S
D
G2
G1
Ordering Code
(tape and reel)
Parameter
Symbol
Values
Unit
Drain-source voltage
VDS
20
V
Thermal Resistance
Junction - soldering point
Rth Js
< 370
K/W
Total power dissipation, TS < 76 ˚C
Ptot
200
mW
Storage temperature range
Tstg
– 55 … + 150
˚C
Gate 1/gate 2 peak source current
± IG1/2SM
10
Channel temperature<
Tch
150
mA
Drain current
ID
30
1)
For detailed information see chapter Package Outlines.


同様の部品番号 - BF994S

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
logo
NXP Semiconductors
BF994S NXP-BF994S Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF994S JMNIC-BF994S Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
Vishay Siliconix
BF994SA VISHAY-BF994SA Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
More results

同様の説明 - BF994S

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BF995 SIEMENS-BF995 Datasheet
175Kb / 10P
   Silicon N Channel MOSFET Tetrode (For input and mixer stages in FM and VHF TV tuners)
BF996S SIEMENS-BF996S Datasheet
135Kb / 8P
   Silicon N Channel MOSFET Tetrode (For input stages in UHF TV tuners High transconductance Low noise figure)
logo
Infineon Technologies A...
BAT17E6327 INFINEON-BAT17E6327 Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
logo
Siemens Semiconductor G...
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
   PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
BF506 SIEMENS-BF506 Datasheet
13Kb / 2P
   PNP Silicon RF Transistor (For VHF mixer and oscillator stages)
BF959 SIEMENS-BF959 Datasheet
66Kb / 3P
   NPN Silicon RF Transistor (For SAW filter driver applications in TV tuners For linear broadband VHF amplifier stages)
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
   SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
BAT68-07W SIEMENS-BAT68-07W Datasheet
43Kb / 5P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT17W SIEMENS-BAT17W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BF569 SIEMENS-BF569 Datasheet
37Kb / 3P
   PNP Silicon RF Transistor (fOR OSCILLATORS, MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com