データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBC3112-D7C-TR1 データシート(PDF) 5 Page - Cymbet Corporation

部品番号 CBC3112-D7C-TR1
部品情報  EnerChip CC with Integrated Power Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYMBET [Cymbet Corporation]
ホームページ  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3112-D7C-TR1 データシート(HTML) 5 Page - Cymbet Corporation

  CBC3112-D7C-TR1 Datasheet HTML 1Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 2Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 3Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 4Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 5Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 6Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EnerChip CC CBC3112
©2009-2010 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-04 Rev C
Page 5 of 15
POWER SUPPLY CURRENT CHARACTERISTICS
Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
Quiescent Current
IQ
ENABLE=GND
VDD=3.3V
-
3.5
µA
VDD=5.5V
-
6.0
µA
ENABLE=VDD
VDD=3.3V
-
35
µA
VDD=5.5V
-
38
µA
EnerChip Cutoff Current
IQBATOFF
VBAT < VBATCO,
VOUT=0
-
0.5
nA
IQBATON
VBAT > VBATCO,
ENABLE=VDD, IOUT=0
-
42
nA
INTERFACE LOGIC SIGNAL CHARACTERISTICS
VDD=2.5vto5.5v,Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
High Level Input Voltage
VIH
-
VDD - 0.5
-
Volts
Low Level Input Voltage
VIL
-
-
0.5
Volts
High Level Output Voltage
VOH
VDD>VTH (see Figures 4
and 5) IL=10µA
VDD -
0.04V (1)
-
Volts
Low Level Output Voltage
VOL
IL = -100µA
-
0.3
Volts
Logic Input Leakage Current
IIN
0<VIN<VDD
-1.0
+1.0
nA
RESET SIGNAL AC/DC CHARACTERISTICS
VDD=2.5vto5.5v,Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
VDD Rising to RESET
Rising
tRESETH
VDD rising from 2.8V TO 3.1V
in <10µs
60
200
ms
VDD Falling to RESET
Falling
tRESETL
VDD falling from 3.1V to 2.8V
in <100ns
0.5
2
µs
Mode 1 TRIP V
VDD Rising
VRESET
VMODE = GND
2.80
3.20
V
Mode 2 TRIP V (2)
VDD Rising
VRESET
VMODE = VDD/2
2.25
2.60
V
RESET Hysteresis
Voltage (3)
(VDD to RESET)
VHYST
VMODE=VDD
60
100
mV
VMODE=GND
45
75
VMODE = VDD/2
30
50
(2) User-selectable trip voltage can be set by placing a resistor divider from the VMODE pin to GND. Refer to Figure 8.
(3) The hysteresis is a function of trip level in Mode 2. Refer to Figure 9.
(1) RESET tracks VDD; RESET = VDD - (IOUT x ROUT).


同様の部品番号 - CBC3112-D7C-TR1

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
More results

同様の説明 - CBC3112-D7C-TR1

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com