データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBC012-D5C データシート(PDF) 2 Page - Cymbet Corporation

部品番号 CBC012-D5C
部品情報  EnerChip??CC Real-Time Clock Evaluation Kit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYMBET [Cymbet Corporation]
ホームページ  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC012-D5C データシート(HTML) 2 Page - Cymbet Corporation

  CBC012-D5C Datasheet HTML 1Page - Cymbet Corporation CBC012-D5C Datasheet HTML 2Page - Cymbet Corporation CBC012-D5C Datasheet HTML 3Page - Cymbet Corporation CBC012-D5C Datasheet HTML 4Page - Cymbet Corporation CBC012-D5C Datasheet HTML 5Page - Cymbet Corporation CBC012-D5C Datasheet HTML 6Page - Cymbet Corporation CBC012-D5C Datasheet HTML 7Page - Cymbet Corporation CBC012-D5C Datasheet HTML 8Page - Cymbet Corporation CBC012-D5C Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CBC-EVAL-06 EnerChip CC RTC Evaluation Kit
©2011 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-22 Rev C
Page 2 of 11
CBC-EVAL-06 Module Connector, Jumpers, and Test Points
Figure 3: Locations of Connector and Jumpers.
J2
JUMPERS AND CONNECTORS
Jumper
Pin
Number
Designation
J1
1
VIN
2
SDO
3
SDI
4
SCL
5
CE
6
GND
J2
1
EXT ENERCHIP (+)
2
EXT ENERCHIP (-) [GND]
J3
Trace
RTC PWR
J4
Trace
SCL
J5
Trace
SDI
J6
Trace
SDO
J7
Trace
CE
J8
Trace
RTCPWR LED (optional cut)
CN1
1
VDD (indirect)
2
USBDM (indirect)
3
USBDP and RSTOUT# (indirect)
4
GND
J3
J4
J5
J6
J7
J8


同様の部品番号 - CBC012-D5C

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
CBC012-D5C CYMBET-CBC012-D5C Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC012-D5C CYMBET-CBC012-D5C Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC012-D5C-TR CYMBET-CBC012-D5C-TR Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC012-D5C-TR CYMBET-CBC012-D5C-TR Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC012-D5C-WP CYMBET-CBC012-D5C-WP Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
More results

同様の説明 - CBC012-D5C

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
AN-1047 CYMBET-AN-1047 Datasheet
293Kb / 3P
   EnerChip CC Real-Time Clock Backup for K60 Microcontroller
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
DS-72-14 CYMBET-DS-72-14 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
795Kb / 4P
   EnerChip??CC CBC3112 & CBC3150 Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11_12 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
DS-72-40 CYMBET-DS-72-40 Datasheet
2Mb / 17P
   EnerChip??CC Energy Harvester Evaluation Kit
AN-1042 CYMBET-AN-1042 Datasheet
288Kb / 3P
   EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
AN-1048 CYMBET-AN-1048 Datasheet
283Kb / 3P
   EnerChip CC as Backup Power for a DS1340 Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com