データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF999 データシート(PDF) 2 Page - Siemens Semiconductor Group

部品番号 BF999
部品情報  Silicon N Channel MOSFET Triode (For high-frequency stages up to 300 MHz, preferably in FM applications)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF999 データシート(HTML) 2 Page - Siemens Semiconductor Group

  BF999 Datasheet HTML 1Page - Siemens Semiconductor Group BF999 Datasheet HTML 2Page - Siemens Semiconductor Group BF999 Datasheet HTML 3Page - Siemens Semiconductor Group BF999 Datasheet HTML 4Page - Siemens Semiconductor Group BF999 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
BF 999
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Drain-source breakdown voltage
ID = 10
µA, – VGS = 4 V
V(BR) DS
20
nA
Gate-source leakage current
± VGS = 5 V, VDS = 0
± IGSS
––50
Gate-source breakdown voltage
± IGS = 10 mA, VDS = 0
± V(BR) GSS
6.5
12
V
Gate-source pinch-off voltage
VDS = 10 V, ID = 20
µA
– VGS (p)
2.5
mA
Drain current
VDS = 10 V, VGS = 0
IDSS
5–18
mS
Forward transconductance
VDS = 10 V, ID = 10 mA, f = 1 kHz
gfs
14
16
pF
Output capacitance
VDS = 10 V, ID = 10 mA, f = 1 MHz
Cdss
–1–
Noise figure (test circuit)
VDS = 10 V, ID = 10 mA, f = 200 MHz,
GG = 2 mS, GL = 0.5 mS
F
–1–
pF
Gate input capacitance
VDS = 10 V, ID = 10 mA, f = 1 MHz
Cgss
2.5
fF
Reverse transfer capacitance
VDS = 10 V, ID = 10 mA, f = 1 MHz
Cdg
–25
dB
Power gain
(test circuit)
VDS = 10 V, ID = 10 mA, f = 200 MHz,
GG = 2 mS, GL = 0.5 mS
Gp
–25
AC Characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics


同様の部品番号 - BF999

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BF999 INFINEON-BF999 Datasheet
133Kb / 5P
   Silicon N-Channel MOSFET Triode
Nov-08-2002
BF999 INFINEON-BF999 Datasheet
62Kb / 6P
   Silicon N-Channel MOSFET Triode
2007-04-20
BF999 INFINEON-BF999_07 Datasheet
62Kb / 6P
   Silicon N-Channel MOSFET Triode
2007-04-20
More results

同様の説明 - BF999

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BF987 SIEMENS-BF987 Datasheet
79Kb / 5P
   SILICON N CHANNEL MOSFET TRIODE (For high-frequency stages up to 300 MHz, preferably in FM applications High overload capability)
BF543 SIEMENS-BF543 Datasheet
97Kb / 5P
   Silicon N Channel MOS FET Triode (For RF stages up to 300 MHz preferably in FM applications)
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
   PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
BF995 SIEMENS-BF995 Datasheet
175Kb / 10P
   Silicon N Channel MOSFET Tetrode (For input and mixer stages in FM and VHF TV tuners)
logo
Infineon Technologies A...
BF999 INFINEON-BF999_07 Datasheet
62Kb / 6P
   Silicon N-Channel MOSFET Triode
2007-04-20
BF543 INFINEON-BF543 Datasheet
50Kb / 5P
   Silicon N-Channel MOSFET Triode
Jun-28-2001
BF999 INFINEON-BF999 Datasheet
133Kb / 5P
   Silicon N-Channel MOSFET Triode
Nov-08-2002
logo
Siemens Semiconductor G...
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
   SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
BF2030W SIEMENS-BF2030W Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2030 SIEMENS-BF2030 Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com