データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXT5551 データシート(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

部品番号 CXT5551
部品情報  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
ホームページ  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

CXT5551 データシート(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  CXT5551 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. CXT5551 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Switching and amplification in high voltage
Applications such as telephony
Low current(max. 600mA)
High voltage(max.180v)
Marking: 1G6
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
0.6
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-65-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μ A,IE=0
180
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10 μ A,IC=0
6
V
Collector cut-off current
ICBO
VCB=120V,IE=0
50
nA
Emitter cut-off current
IEBO
VEB=4V,IC=0
50
nA
hFE(1)
VCE=5V,IC=1mA
80
hFE(2)
VCE=5V,IC=10mA
80
300
DC current gain
hFE(3)
VCE=5V,IC=50mA
30
VCE(sat)
IC=10mA,IB=1mA
0.15
V
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.2
V
VBE(sat)
IC=10mA,IB=1mA
1
V
Base-emitter voltage
VBE(sat)
IC=50mA,IB=5mA
1
V
Transition frequency
fT
VCE=10V,IC=10mA,f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
6
pF
Noise figure
NF
VCE=5V,Ic=0.2mA,
f=10Hzto15.7KHZ,Rs=10Ω
8
dB
1
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
CXT5551
TRANSISTOR (NPN)
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


同様の部品番号 - CXT5551

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CXT5551 CENTRAL-CXT5551 Datasheet
100Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
CXT5551 MCC-CXT5551 Datasheet
309Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
GUANGDONG HOTTECH INDUS...
CXT5551 HOTTECH-CXT5551 Datasheet
285Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
CXT5551 BILIN-CXT5551 Datasheet
193Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Micro Commercial Compon...
CXT5551 MCC-CXT5551 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

同様の説明 - CXT5551

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com