データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1EL データシート(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

部品番号 ES1EL
部品情報  Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DACHANG [Rugao Dachang Electronics Co., Ltd]
ホームページ  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

ES1EL データシート(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  ES1EL Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd ES1EL Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1AL ES1BL ES1CL ES1DL ES1EL ES1GL ES1JL
600
50
100
150
200
300
400
50
100
150
200
300
400
600
35
70
105
140
210
280
420
85
30
1.0
5.0
15
ES1AL ...... ES1JL
表面安装超快速整流二极管
反向电压
50 --- 600V
正向电流
1.0 A
SIYU R
V
μA
pF
IR
Cj
最大正向电压
IF = 1.0A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 50 to 600 V
Forward Current 1.0 A
Operating junction and storage temperature range
Tj, TSTG
RθJA
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
nS
trr
MAX. Reverse Recovery Time
35
0.95
1.25
1.7
Surface Mount Super Fast Recover Rectifiers
大昌电子
DACHANG ELECTRONICS
TA= 100℃
100
SOD123FL
Unit:inch(mm)
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒 seconds at terminals
机械数据 Mechanical Data
·端子
: 焊料被镀 Terminals: Solder plated
·极性
: 色环端为负极
Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
·封装
: 塑料封装 Case: Molded plastic body
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
ES1AL ES1BL ES1CL ES1DL ES1EL ES1GL ES1JL


同様の部品番号 - ES1EL

メーカー部品番号データシート部品情報
logo
Rugao Dachang Electroni...
ES1EL DACHANG-ES1EL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers
logo
Microdiode Electronics ...
ES1EL CHENDA-ES1EL Datasheet
586Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
ES1EL SUNMATE-ES1EL Datasheet
320Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
logo
GUANGDONG HOTTECH INDUS...
ES1EL HOTTECH-ES1EL Datasheet
168Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Gaomi Xinghe Electronic...
ES1ELEE GXELECTRONICS-ES1ELEE Datasheet
354Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

同様の説明 - ES1EL

メーカー部品番号データシート部品情報
logo
Rugao Dachang Electroni...
ES1A DACHANG-ES1A Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES3A DACHANG-ES3A Datasheet
119Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 3.0 A
ES2A DACHANG-ES2A Datasheet
120Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 2.0 A
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
ES1A GOOD-ARK-ES1A_15 Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Rugao Dachang Electroni...
RS3A DACHANG-RS3A Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com