データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDN335N データシート(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

部品番号 FDN335N
部品情報  20 V N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
ホームページ  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

FDN335N データシート(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  FDN335N Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN335N Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN335N Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. FDN335N Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-23(PACKAGE)
VDS= 20V
RDS(ON), Vgs@ 2.5V, Ids@ 1.5A=
Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
Package Dimensions
S
G
D
Maximum Ratings and Thermal Characteristics (TA = 25oC unless otherwise noted)
100m
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
1.7
Pulsed Drain Current
1)
IDM
8
A
TA = 25
o
Maximum Power Dissipation
TA = 75
oC
PD
0.8
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
oC
Junction-to-Ambient Thermal Resistance (PCB mounted)
3)
166
oC/W
1.25
2)
Junction-to-Ambient Thermal Resistance (PCB mounted)
2)
100
R
RthJA
Notes
Pulse width limited by maximum junction temperature.
Surface Mounted on FR4 Board, t v 5 sec.
Surface Mounted on FR4 Board.
1)
2)
3)
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90
REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
10°
Millimeter
70m
RDS(ON), Vgs@ 2.5V, Ids@ 1.7A=
20V N-Channel Enhancement Mode MOSFET
FDN335N
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


同様の部品番号 - FDN335N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
logo
Guangdong Youtai Semico...
FDN335N UMW-FDN335N Datasheet
384Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
VBsemi Electronics Co.,...
FDN335N-NL VBSEMI-FDN335N-NL Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

同様の説明 - FDN335N

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
XP151A13COMR HTSEMI-XP151A13COMR Datasheet
2Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
SI2312 HTSEMI-SI2312 Datasheet
1Mb / 3P
   20 V N-Channel Enhancement Mode MOSFET
PT8205A HTSEMI-PT8205A Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8205 HTSEMI-PT8205 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
PT8822 HTSEMI-PT8822 Datasheet
2Mb / 3P
   20 V Dual N-Channel Enhancement Mode MOSFET
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
XP152A12COMR HTSEMI-XP152A12COMR Datasheet
2Mb / 4P
   20 V P-Channel Enhancement Mode MOSFET
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
   30 V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com