データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V9885TNLGI データシート(PDF) 4 Page - Integrated Device Technology

部品番号 5V9885TNLGI
部品情報  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V9885TNLGI データシート(HTML) 4 Page - Integrated Device Technology

  5V9885TNLGI Datasheet HTML 1Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 2Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 3Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 4Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 5Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 6Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 7Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 8Page - Integrated Device Technology 5V9885TNLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT5V9885T
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
PIN DESCRIPTION
PF32
NL28
Pin Name
Pin#
Pin#
I/O
Type
Description
CLKIN
1
1
I
LVTTL
Input Clock
XTALIN/REFIN
4
4
I
LVTTL
CRYSTAL_IN - Reference crystal input or external reference clock input
XTALOUT
5
5
O
LVTTL
CRYSTAL_OUT -Reference crystal feedback
GIN0/SDAT/TDI
19
16
I
LVTTL(1,2)
Multi-purposeinputs. CanbeusedforFrequencyControl,SDAT(I2C),orTDI(JTAG).
GIN1/SCLK/TCK
20
17
I
LVTTL(1,2)
Multi-Purposeinputs. CanbeusedforFrequencyControl,SCLK(I2C),orTCK(JTAG).
GIN2/TMS
24
21
I
LVTTL(1,2)
Multi-Purpose inputs. Can be used for Frequency Control or TMS (JTAG)
GIN3/SUSPEND
27
23
I
LVTTL(1,2)
Multi-Purposeinputs. CanbeusedforFrequencyControlorasasuspendmodecontrol
input (active HIGH).
GIN4/TRST
25
22
I
LVTTL(1,2)
Multi-Purpose inputs. Can be used for Frequency Control or TRST (JTAG)
GIN5/CLK_SEL
21
18
I
LVTTL(1,2)
Multi-Purpose inputs. Can be used for Frequency Control or input clock selector.
SHUTDOWN/OE
28
24
I
LVTTL(1,2)
Enables/disablestheoutputsorpowersdownthechip.TheSPbit(0x1C)controlsthe
polarity of the signal to be either active HIGH or LOW. (Default is active HIGH.)
I2C/JTAG
22
19
I
3-level(3)
I2C (HIGH) or MFC Mode (MID) or JTAG Programming (LOW)
OUT1
6
6
O
LVTTL
Configurable clock output 1. Can also be used to buffer the reference clock.
OUT2
29
25
O
LVTTL
Configurable clock output 2
OUT3
8
7
O
LVTTL
Configurable clock output 3
OUT4
10
8
O
Adjustable(4)
Configurableclockoutput4,Single-EndedorDifferentialwhencombinedwithOUT4
OUT4
11
9
O
Adjustable(4)
Configurable complementary clock output 4, Single-Ended or Differential when
combined with OUT4
OUT5
15
13
O
Adjustable(4)
Configurableclockoutput5,Single-EndedorDifferentialwhencombinedwithOUT5
OUT5
16
14
O
Adjustable(4)
Configurable complementary clock output 5, Single-Ended or Differential when
combined with OUT5
OUT6
13
11
O
LVTTL
Configurable clock output 6
GOUT0/TDO/LOSS_LOCK
31
27
O
LVTTL(1)
Multi-PurposeOutput.CanbeprogrammedtouseasPLLLOCKsignal,LOSS_LOCK
or TDO in JTAG mode
GOUT1/LOSS_CLKIN
3
3
O
LVTTL
Multi-Purpose Output. Can be programmed to use as LOSS_CLKIN
VDD
7,12,17,
10,15,20
3.3V Power Supply
23,26,32
28
GND
2,9,14,
2,12,26
Ground
18,30
NOTES:
1. The JTAG (TDO, TMS, TCLK, TRST, and TDI) and I2C (SCLK and SDAT) signals share the same pins with GIN signals.
2. Weak internal 100KΩ pull-down resistor.
3. 3-level inputs are static inputs and must be tied to VDD or GND or left floating. These inputs are internally biased to VDD/2. They are not hot-insertable or over voltage tolerant.
4. Outputs are user programmable to drive single-ended 3.3V LVTTL, differential LVDS, or differential LVPECL interface levels.


同様の部品番号 - 5V9885TNLGI

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
5V925BQGI IDT-5V925BQGI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQGI8 IDT-5V925BQGI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI IDT-5V925BQI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI8 IDT-5V925BQI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
More results

同様の説明 - 5V9885TNLGI

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com