データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1M データシート(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

部品番号 GS1M
部品情報  1 Amp Silicon Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
ホームページ  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

GS1M データシート(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  GS1M Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. GS1M Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. GS1M Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Junction Capacitance - pFversus
Reverse Junction Potential (Applied V + 0.7 Volts) - Volts
Figure 2
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
1
2
6
10
20
100
pF
Volts
1
10
100
6
12
18
24
30
36
Figure 3
Maximum Overload Surge Current
-65
°C to +175°C
Peak Forward Current - Amperesversus
Number of Cycles at 60Hz
Amps
Cycles
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 4
Forward Derating Curve
0
20 40
60
80 100 120 140 160 180
0
.2
.4
.6
.8
1.0
1.2
1.4
Resistive or
Inductive Load
Amps
°C
200
60
40
4
400
1000
Typical
Distribution
Median
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
GS1A THRU GS1M
www.htsemi.com
semiconductor
JinYu
Date:2011/05


同様の部品番号 - GS1M

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
GS1M PANJIT-GS1M Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
First Silicon Co., Ltd
GS1M FS-GS1M Datasheet
241Kb / 2P
   General Purpose Rectifier
logo
CHENG-YI ELECTRONIC CO....
GS1M CHENG-YI-GS1M Datasheet
112Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Microdiode Electronics ...
GS1M CHENDA-GS1M Datasheet
538Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Surge Components
GS1M SURGE-GS1M Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
More results

同様の説明 - GS1M

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
S1A MCC-S1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101 Datasheet
79Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101_11 Datasheet
242Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A MCC-GS1A Datasheet
619Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR107-T MCC-FR107-T Datasheet
258Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101_13 Datasheet
258Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A-L MCC-S1A-L Datasheet
235Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S1A-L MCC-S1A-L_13 Datasheet
270Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com