データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT807BTSOGBLANK データシート(PDF) 3 Page - Integrated Device Technology

部品番号 74FCT807BTSOGBLANK
部品情報  FAST CMOS 1-TO-10 CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT807BTSOGBLANK データシート(HTML) 3 Page - Integrated Device Technology

  74FCT807BTSOGBLANK Datasheet HTML 1Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 2Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 3Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 4Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 5Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 6Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 7Page - Integrated Device Technology 74FCT807BTSOGBLANK Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V
ICCD
Dynamic Power Supply Current(3)
VCC = Max.
VIN = VCC
0.4
0.6
mA/MHz
InputToggling
VIN = GND
50% Duty Cycle
OutputsOpen
IC
TotalPowerSupplyCurrent(5)
VCC = Max.
VIN = VCC
20
30.5(4)
mA
InputToggling
VIN = GND
50% Duty Cycle
OutputsOpen
VIN = 3.4V
20.3
31.3(4)
fI = 50MHz
VIN = GND


同様の部品番号 - 74FCT807BTSOGBLANK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74FCT807BTSOG RENESAS-74FCT807BTSOG Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
74FCT807BTSOGI RENESAS-74FCT807BTSOGI Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
More results

同様の説明 - 74FCT807BTSOGBLANK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com