データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT388915T15JG データシート(PDF) 4 Page - Integrated Device Technology

部品番号 74FCT388915T15JG
部品情報  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T15JG データシート(HTML) 4 Page - Integrated Device Technology

  74FCT388915T15JG Datasheet HTML 1Page - Integrated Device Technology 74FCT388915T15JG Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T15JG Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T15JG Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T15JG Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T15JG Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T15JG Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T15JG Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T15JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
COMMERCIALTEMPERATURERANGE
4
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
VIN = VCC –0.6V(3)
—2
30
µ A
TTL Inputs HIGH
VIN = VCC –2.1V(3)
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
VIN = VCC
0.2
0.3
mA/
All Outputs Open
VIN = GND
MHz
CPD
Power Dissipation Capacitance
50% Duty Cycle
15
25
pF
IC
Total Power Supply Current(6)
VCC = Max.
30
60
mA
PLL_EN = 1, LOCK = 1, FEEDBACK = Q4
SYNC frequency = 50MHz. All bits loaded with 15pF
VCC = Max.
90
120
mA
PLL_EN = 1, LOCK = 1, FEEDBACK = Q4
SYNC frequency = 50MHz. All bits loaded with 50
Ω Thevenin
terminationand20pF
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input. All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. It is derived with Q frequency as the reference.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + DICC DHNT + ICCD (f) + ILOAD
ICC = Quiescent Current (ICCL
, ICCH and ICCZ)
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
f = 2Q Frequency
ILOAD = Dynamic Current due to load.
OUTPUT FREQUENCY SPECIFICATIONS
Max. (2)
Symbol
Parameter
Min.
70
100
133(3)
150(3)
Unit
f2Q
Operating frequency 2Q Output
40
70
100
133
150
MHz
fQ
Operating frequency Q0-Q4,
Q5Outputs
20
35
50
66.7
75
MHz
fQ/2
Operating frequency Q/2 Output
10
17.5
25
33.3
37.5
MHz
SYNCH INPUT TIMING REQUIRMENTS
Symbol
Parameter
Min.
Max.
Unit
TRISE/FALL
Rise/Fall Times, SYNC inputs
3
ns
(0.8V to 2V)
Frequency
Input Frequency, SYNC Inputs
10(1)
2Q fmax
MHz
Duty Cycle Input Duty Cycle, SYNC Inputs
25%
75%
NOTES:
1. Note 7 in "General AC Specification Notes" and Figure 3 describes this specification and its actual limits depending on the feedback connection.
2. Maximum operating frequency is guaranteed with the part in a phase locked condition and all outputs loaded.
3. At this frequency, 2Q cannot be used as feedback.


同様の部品番号 - 74FCT388915T15JG

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

同様の説明 - 74FCT388915T15JG

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com