データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

932S208YFLNT データシート(PDF) 2 Page - Integrated Device Technology

部品番号 932S208YFLNT
部品情報  Programmable Timing Control HubTM for Next Gen P4TM Processor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

932S208YFLNT データシート(HTML) 2 Page - Integrated Device Technology

  932S208YFLNT Datasheet HTML 1Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 2Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 3Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 4Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 5Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 6Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 7Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 8Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IDTTM Programmable Timing Control HubTM for Next Gen P4TM Processor
0743G—01/26/10
ICS932S208
Programmable Timing Control HubTM for Next Gen P4TM Processor
2
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
REF0
OUT
14.318 MHz reference clock.
2
REF1
OUT
14.318 MHz reference clock.
3
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
4X1
IN
Crystal input, Nominally 14.318MHz.
5
X2
OUT
Crystal output, Nominally 14.318MHz
6
GND
PWR
Ground pin.
7
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
8
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
9
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
10
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
11
GND
PWR
Ground pin.
12
PCICLK0
OUT
PCI clock output.
13
PCICLK1
OUT
PCI clock output.
14
PCICLK2
OUT
PCI clock output.
15
PCICLK3
OUT
PCI clock output.
16
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
17
GND
PWR
Ground pin.
18
PCICLK4
OUT
PCI clock output.
19
PCICLK5
OUT
PCI clock output.
20
PCICLK6
OUT
PCI clock output.
21
PD#
IN
Asynchronous active low input pin used to power down the device into a
low power state. The internal clocks are disabled and the VCO and the
crystal are stopped. The latency of the power down will not be greater
than 1.8ms. Internal pull-up of 150K nominal.
22
3V66_0
OUT
3.3V 66.66MHz clock output
23
3V66_1
OUT
3.3V 66.66MHz clock output
24
VDD3V66
PWR
Power pin for the 3V66 clocks.
25
GND
PWR
Ground pin.
26
3V66_2
OUT
3.3V 66.66MHz clock output
27
3V66_3
OUT
3.3V 66.66MHz clock output
28
SCLK
IN
Clock pin of I2C circuitry 5V tolerant


同様の部品番号 - 932S208YFLNT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932S208DFLF RENESAS-932S208DFLF Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DFLFT RENESAS-932S208DFLFT Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLF RENESAS-932S208DGLF Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLFT RENESAS-932S208DGLFT Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLN RENESAS-932S208DGLN Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
More results

同様の説明 - 932S208YFLNT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
logo
Integrated Device Techn...
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
   Programmable Timing Control HubTM for P4TM
logo
Renesas Technology Corp
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Circuit Syst...
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
   Programmable Timing Control HubTM for Mobile P4TM Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com