データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

932S805CGLF データシート(PDF) 7 Page - Integrated Device Technology

部品番号 932S805CGLF
部品情報  K8 Clock Chip for Serverworks HT2100 Servers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

932S805CGLF データシート(HTML) 7 Page - Integrated Device Technology

Back Button 932S805CGLF Datasheet HTML 3Page - Integrated Device Technology 932S805CGLF Datasheet HTML 4Page - Integrated Device Technology 932S805CGLF Datasheet HTML 5Page - Integrated Device Technology 932S805CGLF Datasheet HTML 6Page - Integrated Device Technology 932S805CGLF Datasheet HTML 7Page - Integrated Device Technology 932S805CGLF Datasheet HTML 8Page - Integrated Device Technology 932S805CGLF Datasheet HTML 9Page - Integrated Device Technology 932S805CGLF Datasheet HTML 10Page - Integrated Device Technology 932S805CGLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ICS932S805C
K8 Clock Chip for Serverworks HT2100 Servers
7
IDT®
K8 Clock Chip for Serverworks HT2100 Servers
1131D – 05/04/10
SMBus Table: Frequency Select and Spread Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
FS Source
Latched Input or SMBus Frequency
Select
RW Latched Inputs
SMBus
0
Bit 6
Spread
Spectrum
Enable
Spread Enable for CPU, SRC and PCI Outputs.
Setting SPREAD_EN pin to '1', forces
Spread ON and overides this bit.
RW
OFF
ON
0
Bit 5
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 4
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 3
FS3
Freq Select Bit 3
RW
Latched
Bit 2
FS2
Freq Select Bit 2
RW
Latched
Bit 1
FS1
Freq Select Bit 1
RW
Latched
Bit 0
FS0
Freq Select Bit 0
RW
Latched
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
REF2
Output Enable
RW
Disable (Low)
Enable
1
Bit 6
REF1
Output Enable
RW
Disable (Low)
Enable
1
Bit 5
REF0
Output Enable
RW
Disable (Low)
Enable
1
Bit 4
PCICLK1
Output Enable
RW
Disable (Low)
Enable
1
Bit 3
PCICLK0
Output Enable
RW
Disable (Low)
Enable
1
Bit 2
48MHz_2
Output Enable
RW
Disable (Low)
Enable
1
Bit 1
48MHz_1
Output Enable
RW
Disable (Low)
Enable
1
Bit 0
48MHz_0
Output Enable
RW
Disable (Low)
Enable
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 6
CPUCLK8(6)
RW
Disable
Enable
1
Bit 5
CPUCLK8(5)
RW
Disable
Enable
1
Bit 4
CPUCLK8(4)
RW
Disable
Enable
1
Bit 3
CPUCLK8(3)
RW
Disable
Enable
1
Bit 2
CPUCLK8(2)
RW
Disable
Enable
1
Bit 1
CPUCLK8(1)
RW
Disable
Enable
1
Bit 0
CPUCLK8(0)
RW
Disable
Enable
1
-
-
-
-
-
4
6
Byte 1
5
17
10
9
16
11
Byte 2
-
47/46
45/44
59/58
57/56
53/52
51/50
43/42
Byte 0
-
-
-
Output Enable
When Disabled
CPUCLKT = 0
CPUCLKC = 1
See CPU Frequency Select
Table


同様の部品番号 - 932S805CGLF

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932S805CGLF RENESAS-932S805CGLF Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
932S805CGLFT RENESAS-932S805CGLFT Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
More results

同様の説明 - 932S805CGLF

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
logo
List of Unclassifed Man...
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Circuit Syst...
ICS932S825 ICST-ICS932S825 Datasheet
231Kb / 20P
   Low Power Clock Chip for Serverworks HT2400 Servers
logo
Renesas Technology Corp
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
logo
Integrated Circuit Syst...
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com