データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4005 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 1N4005
部品情報  VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4005 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1N4005 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4005 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
1N4001 ~ 1N4007
VOLTAGE 50 ~ 1000 V
1.0 A, Silicon Rectifiers
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
B
A
D
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
PACKAGING INFORMATION
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.34 grams
MAXIMUM RATINS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
TYPE NUMBER
1N
4001
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
UNITS
Max. Repetitive Peak Reverse voltage
50
100
200
400
600
800
1000
V
Max. RMS Voltage
35
70
140
280
420
560
700
V
Max. DC Blocking Voltage
50
100
200
400
600
800
1000
V
Max. Average Forward Rectified Current
0.375” (9.5 mm) Lead Length at TA = 75°C
1.0
A
Peak Forward Sure Current 8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method)
30
A
Max. Instantaneous Forward Voltage at 1.0A
1.0
V
Max. DC Reverse Current
TA = 25°C
At Rated DC Blocking Voltage
TA = 100°C
5.0
50
µA
Typical Junction Capacitance (Note 1)
15
pF
Typical Thermal Resistance RθJA (Note 2)
50
/W
Storage temperature
-65 ~ +150
Notes: 1. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) Lead Length.
DO-41
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
4.10
5.21
C
2.00
2.72
D
0.70
0.90


同様の部品番号 - 1N4005

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1N4005 TSC-1N4005 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Central Semiconductor C...
1N4005 CENTRAL-1N4005 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
logo
Pan Jit International I...
1N4005 PANJIT-1N4005 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
First Silicon Co., Ltd
1N4005 FS-1N4005 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
WILLAS ELECTRONIC CORP
1N4005 WILLAS-1N4005 Datasheet
262Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results

同様の説明 - 1N4005

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
1N4001W YIXIN-1N4001W Datasheet
356Kb / 2P
   1.0 AMP SILICON RECTIFIERS VOLTAGE RANGE 50 to 1000 volts
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
   1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
SeCoS Halbleitertechnol...
P10A05 SECOS-P10A05 Datasheet
130Kb / 2P
   VOLTAGE 50 ~ 1000 V 10 A, General Purpose Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com