データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC79L18ACP データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC79L18ACP
部品情報  THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC79L18ACP データシート(HTML) 1 Page - Motorola, Inc

  MC79L18ACP Datasheet HTML 1Page - Motorola, Inc MC79L18ACP Datasheet HTML 2Page - Motorola, Inc MC79L18ACP Datasheet HTML 3Page - Motorola, Inc MC79L18ACP Datasheet HTML 4Page - Motorola, Inc MC79L18ACP Datasheet HTML 5Page - Motorola, Inc MC79L18ACP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MC79L00, A
Series
THREE–TERMINAL LOW
CURRENT NEGATIVE FIXED
VOLTAGE REGULATORS
ORDERING INFORMATION
Order this document by MC79L00/D
P SUFFIX
PLASTIC PACKAGE
CASE 29
Pin 1. Ground
2. Input
3. Output
3
1
2
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SOP–8)*
1
8
Pin 1. Vout
2. Vin
3. Vin
4. NC
5. GND
6. Vin
7. Vin
8. NC
* SOP–8 is an internally modified SO–8 package.
Pins 2, 3, 6, and 7 are electrically common to the
die attach flag. This internal lead frame modifica-
tion decreases package thermal resistance and
increases power dissipation capability when
appropriately mounted on a printed circuit board.
SOP–8 conforms to all external dimensions of the
standard SO–8 package.
Device No.
±10%
MC79L05C
MC79L12C
MC79L15C
MC79L18C
MC79L24C
Device No.
5%
Nominal
Voltage
MC79L05AC
MC79L12AC
MC79L15AC
MC79L18AC
MC79L24AC
–5.0
–12
–15
–18
–24
Device
Operating
Temperature Range
Package
MC79LXXACD*
TJ = 0° to +125°C
SOP–8
Plastic Power
MC79LXXACP
Plastic Power
MC79LXXCP
MC79LXXABD*
MC79LXXABP*
SOP–8
Plastic Power
TJ = –40° to +125°C
XX indicates nominal voltage
SEMICONDUCTOR
TECHNICAL DATA
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Low Current
Negative Voltage Regulators
The MC79L00, A Series negative voltage regulators are inexpensive,
easy–to–use devices suitable for numerous applications requiring up to100
mA. Like the higher powered MC7900 Series negative regulators, this series
features thermal shutdown and current limiting, making them remarkably
rugged. In most applications, no external components are required for
operation.
The MC79L00 devices are useful for on–card regulation or any other
application where a regulated negative voltage at a modest current level is
needed. These regulators offer substantial advantage over the common
resistor/zener diode approach.
No External Components Required
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
Low Cost
Complementary Positive Regulators Offered (MC78L00 Series)
Available in Either ±5% (AC) or ±10% (C) Selections
Representative Schematic Diagram
* Automotive temperature range selections are available with special test conditions
* and additional tests in 5, 12 and 15 V devices. Contact your local Motorola sales
* office for information.
R1
R2
Z1
R3
R
5
R18
Q1
R6
Q4
R7
R4
R8
Q5
Q10
Q8
R9
Q14
Q9
C
Q6
R10
R11
Q7
Q2
Q11
R14
R15
Q13
Q12
R16
R17
Gnd
Output
Input
© Motorola, Inc. 1996
Rev 2


同様の部品番号 - MC79L18ACP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Fairchild Semiconductor
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
MC79L18ACPG ONSEMI-MC79L18ACPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

同様の説明 - MC79L18ACP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com