データシートサーチシステム |
|
SS12 データシート(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd. |
|
SS12 データシート(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd. |
1 / 2 page 1 Amp Schottky Rectifier 20 to 100 Volts • Operating Temperature: -55 °C to +125°C • Storage Temperature: -55 °C to +150°C • Maximum Thermal Resistance; 35 °C/W Junction To Lead Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage SS12 SS12 20V 14V 20V SS13 SS13 30V 21V 30V SS14 SS14 40V 28V 40V SS15 SS15 50V 35V 50V SS16 SS16 60V 42V 60V SS18 SS18 80V 56V 80V SS110 SS110 100V 70V 100V Average Forward Current IF(AV) 1.0A TJ = 100 °C Peak Forward Surge Current IFSM 30A 8.3ms, half sine Maximum Instantaneous Forward Voltage SS12 SS13 SS14 SS15-16 SS18-110 VF .45V .55V .60V .70V .85V IFM = 1.0A; TJ = 25 °C* Typical Junction Capacitance SS12 SS13-SS110 CJ 230pF 50pF Measured at 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 µsec, Duty cycle 2% Maximum DC Reverse Current At Rated DC Blocking Voltage IR 0.5mA 20mA TA = 25 °C TA = 100 °C A B H D C E Cathode Band DO-214AC Z I M C C F G DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A 0.177 3.99 4.50 B 0.100 0.110 2.54 2.80 C 0.078 0.096 1.98 2.42 D 0.222 5.56 E F 0.008 0.203 G 0.006 0.012 0.152 0.305 0.157 0.194 4.93 H 0.055 0.071 1.40 1.80 0.030 0.060 0.76 1.52 • Schottky Barrier Rectifier • Guard Ring Protection • Low Forward Voltage • Reverse Energy Tested • High Current Capability • Extremely Low Thermal Resistance SS12 THRU SS110 1 Date:2011/05 www.htsemi.com semiconductor JinYu Features Maximum Ratings Electrical Characteristics @ 25 C Unless Otherwise Specified ° |
同様の部品番号 - SS12 |
|
同様の説明 - SS12 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |