データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC2G125DP データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74LVC2G125DP
部品情報  Dual bus buffer/line driver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G125DP データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G125DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G125DP Datasheet HTML 10Page - NXP Semiconductors 74LVC2G125DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G125DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G125DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 1 December 2011
9 of 22
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
12. Waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
Propagation delay input (nA) to output (nY)
mna230
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
3-state output enable and disable times
mna362
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 1.95 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH  0.15 V
2.3 V to 2.7 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH  0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH  0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH  0.3 V
4.5 V to 5.5 V
0.5VCC
0.5VCC
VOL + 0.3 V
VOH  0.3 V


同様の部品番号 - 74LVC2G125DP

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC2G125DP PHILIPS-74LVC2G125DP Datasheet
95Kb / 16P
   Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G125DP NXP-74LVC2G125DP Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G125DP NXP-74LVC2G125DP Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
74LVC2G125DP NXP-74LVC2G125DP Datasheet
553Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
logo
Nexperia B.V. All right...
74LVC2G125DP NEXPERIA-74LVC2G125DP Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
More results

同様の説明 - 74LVC2G125DP

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G125 PHILIPS-74LVC2G125 Datasheet
95Kb / 16P
   Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126_08 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
74LVC2G125 NXP-74LVC2G125_10 Datasheet
553Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
logo
Nexperia B.V. All right...
74LVC2G125 NEXPERIA-74LVC2G125 Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
logo
NXP Semiconductors
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G125 NXP-74LVC2G125_08 Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
logo
Nexperia B.V. All right...
74LVC2G125-Q100 NEXPERIA-74LVC2G125-Q100 Datasheet
215Kb / 2P
   Dual bus buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com