データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAQ135 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BAQ135
部品情報  Small Signal Switching Diodes, Low Leakage Current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAQ135 データシート(HTML) 1 Page - Vishay Siliconix

  BAQ135 Datasheet HTML 1Page - Vishay Siliconix BAQ135 Datasheet HTML 2Page - Vishay Siliconix BAQ135 Datasheet HTML 3Page - Vishay Siliconix BAQ135 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAQ133, BAQ134, BAQ135
Document Number 85536
Rev. 1.8, 20-Aug-10
Vishay Semiconductors
www.vishay.com
1
9612009
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Switching Diodes, Low Leakage Current
Features
• Silicon Planar Diodes
• Very low reverse current
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Applications
Protection circuits, time delay circuits, peak follower
circuits, logarithmic amplifiers
Mechanical Data
Case: QuadroMELF SOD-80
Weight: approx. 34 mg
Cathode band color: black
Packaging codes/options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BAQ133
VRRM = 40 V
BAQ133-GS18 or BAQ133-GS08
Tape and Reel
BAQ134
VRRM = 70 V
BAQ134-GS18 or BAQ134-GS08
Tape and Reel
BAQ135
VRRM = 140 V
BAQ135-GS18 or BAQ135-GS08
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
BAQ133
VR
30
V
BAQ134
VR
60
V
BAQ135
VR
125
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Forward current
IF
200
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C


同様の部品番号 - BAQ135

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BAQ135 VISHAY-BAQ135 Datasheet
51Kb / 3P
   Silicon Planar Diodes
Rev. 1.8, 31-Jul-12
BAQ135 VISHAY-BAQ135 Datasheet
129Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.7, 09-Dec-05
BAQ135 VISHAY-BAQ135 Datasheet
100Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
More results

同様の説明 - BAQ135

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BAQ333 VISHAY-BAQ333_06 Datasheet
130Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 2.0, 07-Mar-06
BAQ133 VISHAY-BAQ133_05 Datasheet
129Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.7, 09-Dec-05
BAQ33 VISHAY-BAQ33_12 Datasheet
59Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 01-Sep-10
BAQ133 VISHAY-BAQ133_V01 Datasheet
100Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ33 VISHAY-BAQ33_V01 Datasheet
85Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ133 VISHAY-BAQ133 Datasheet
96Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 31-Jul-12
BAQ33 VISHAY-BAQ33 Datasheet
87Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.7, 09-Dec-05
BAQ33B VISHAY-BAQ33B Datasheet
77Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 31-Jul-12
BAQ333 VISHAY-BAQ333 Datasheet
80Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 2.1, 01-Aug-12
BAQ333 VISHAY-BAQ333_V01 Datasheet
88Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com