データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD1100C04C データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SD1100C04C
部品情報  Standard Recovery Diodes (Hockey PUK Version), 1400 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1100C04C データシート(HTML) 4 Page - Vishay Siliconix

  SD1100C04C_12 Datasheet HTML 1Page - Vishay Siliconix SD1100C04C_12 Datasheet HTML 2Page - Vishay Siliconix SD1100C04C_12 Datasheet HTML 3Page - Vishay Siliconix SD1100C04C_12 Datasheet HTML 4Page - Vishay Siliconix SD1100C04C_12 Datasheet HTML 5Page - Vishay Siliconix SD1100C04C_12 Datasheet HTML 6Page - Vishay Siliconix SD1100C04C_12 Datasheet HTML 7Page - Vishay Siliconix SD1100C04C_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93535
4
Revision: 14-May-08
SD1100C..C Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
1400 A
Fig. 7 - Current Ratings Characteristics
Fig. 8 - Current Ratings Characteristics
Fig. 9 - Forward Power Loss Characteristics
Fig. 10 - Forward Power Loss Characteristics
Fig. 11 - Forward Power Loss Characteristics
Fig. 12 - Forward Power Loss Characteristics
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
2 00
40 0
6 00
800 1 000 1200 1400
30°
60°
90°
120°
180°
Average Forw ard Cur ren t (A)
Co nd uct io n A ng le
SD 1100 C..C Series (25 00V to 320 0V)
(Double Side Cooled )
R
(D C) = 0.038 K/W
thJ -h s
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
4 00
80 0
1200
1600
2000
2 40 0
30°
60°
90°
180°
DC
12 0°
Avera ge Forward Curren t (A)
Co nd uc tion Pe rio d
SD11 00C..C Series (2500 V to 3200 V)
(Double Side Cooled)
R
(D C) = 0.0 38 K/W
thJ -h s
0
50 0
10 0 0
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
04 00
8 0 0
1 2 00
1 60 0
180°
120°
90°
60°
30°
RMS Limit
Average For ward Curr en t (A)
Co nd uct io n A ng le
SD 1100 C..C Series
(400V to 2 000 V)
T = 18 0°C
J
0
500
10 0 0
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
0
5 00
1000
1500
2000
2500
3000
DC
180°
120°
90°
60°
30°
RM S Lim it
Co nd uc tio n Pe rio d
Average Forward Current (A)
SD110 0C..C Series
(400V to 2000V )
T = 1 80°C
J
0
50 0
1000
1500
2000
2500
3000
0
2 00
400
6 00
800 1 00 0 1 200 1400
180°
120°
90 °
60 °
30 °
RM S Limit
Co nd uc tio n Ang le
Average Forw ard Curr ent (A)
SD1 100C..C Series
(250 0V to 320 0V)
T = 15 0°C
J
0
50 0
1000
1500
2000
2500
3000
3500
0
4 0 0
8 0 0
1 20 016 0 02 00 024 0 0
DC
18 0°
12 0°
90°
60°
30°
RMS Lim it
Co nd uctio n Pe rio d
Aver age Forward Current (A)
SD110 0C..C Series
(25 00V to 32 00V )
T = 1 50°C
J


同様の部品番号 - SD1100C04C_12

メーカー部品番号データシート部品情報
logo
International Rectifier
SD1100C04C IRF-SD1100C04C Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD1100C04C VISHAY-SD1100C04C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
More results

同様の説明 - SD1100C04C_12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SD1100C04C VISHAY-SD1100C04C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
VS-SD1100CC VISHAY-VS-SD1100CC Datasheet
214Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-Jan-14
VS-SD1100CC VISHAY-VS-SD1100CC_V01 Datasheet
193Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com