データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD1100C30C データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SD1100C30C
部品情報  Standard Recovery Diodes (Hockey PUK Version), 1400 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1100C30C データシート(HTML) 1 Page - Vishay Siliconix

  SD1100C30C Datasheet HTML 1Page - Vishay Siliconix SD1100C30C Datasheet HTML 2Page - Vishay Siliconix SD1100C30C Datasheet HTML 3Page - Vishay Siliconix SD1100C30C Datasheet HTML 4Page - Vishay Siliconix SD1100C30C Datasheet HTML 5Page - Vishay Siliconix SD1100C30C Datasheet HTML 6Page - Vishay Siliconix SD1100C30C Datasheet HTML 7Page - Vishay Siliconix SD1100C30C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93535
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Standard Recovery Diodes
(Hockey PUK Version), 1400 A
SD1100C..C Series
Vishay High Power Products
FEATURES
• Wide current range
• High voltage ratings up to 3200 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style B-43
• Lead (Pb)-free
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
1400 A
B-43
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SD1100C..C
UNITS
04 TO 20
25 TO 32
IF(AV)
1400
1100
A
Ths
55
55
°C
IF(RMS)
2500
2000
A
Ths
25
25
°C
IFSM
50 Hz
13 000
10 500
A
60 Hz
13 600
11 000
I2t
50 Hz
846
551
kA2s
60 Hz
772
503
VRRM
Range
400 to 2000
2500 to 3200
V
TJ
- 40 to 180
- 40 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
SD1100C..C
04
400
500
35
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
30
3000
3100
32
3200
3300


同様の部品番号 - SD1100C30C

メーカー部品番号データシート部品情報
logo
International Rectifier
SD1100C30C IRF-SD1100C30C Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD1100C30C VISHAY-SD1100C30C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
More results

同様の説明 - SD1100C30C

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SD1100C04C VISHAY-SD1100C04C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
VS-SD1100CC VISHAY-VS-SD1100CC Datasheet
214Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-Jan-14
VS-SD1100CC VISHAY-VS-SD1100CC_V01 Datasheet
193Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com