データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX384C12-V データシート(PDF) 2 Page - Vishay Siliconix

部品番号 BZX384C12-V
部品情報  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384C12-V データシート(HTML) 2 Page - Vishay Siliconix

  BZX384C12-V Datasheet HTML 1Page - Vishay Siliconix BZX384C12-V Datasheet HTML 2Page - Vishay Siliconix BZX384C12-V Datasheet HTML 3Page - Vishay Siliconix BZX384C12-V Datasheet HTML 4Page - Vishay Siliconix BZX384C12-V Datasheet HTML 5Page - Vishay Siliconix BZX384C12-V Datasheet HTML 6Page - Vishay Siliconix BZX384C12-V Datasheet HTML 7Page - Vishay Siliconix BZX384C12-V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BZX384-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 22-Nov-11
2
Document Number: 85764
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LAEKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
αVZ at IZT1
V
mA
μA
V
Ω
10-4/°C
MIN.
NOM. MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX384C2V4-V
W1
2.2
2.4
2.6
5
1
50
1
70 (
≤ 100)
275
- 9
- 4
BZX384C2V7-V
W2
2.5
2.7
2.9
5
1
20
1
75 (
≤ 100) 300 (≤ 600)
- 9
- 4
BZX384C3V0-V
W3
2.8
3.0
3.2
5
1
10
1
80 (
≤ 95)
325 (
≤ 600)
- 9
- 3
BZX384C3V3-V
W4
3.1
3.3
3.5
5
1
5
1
85 (
≤ 95)
350 (
≤ 600)
- 8
- 3
BZX384C3V6-V
W5
3.4
3.6
3.8
5
1
5
1
85 (
≤ 90)
375 (
≤ 600)
- 8
- 3
BZX384C3V9-V
W6
3.7
3.9
4.1
5
1
3
1
85 (
≤ 90)
400 (
≤ 600)
- 7
- 3
BZX384C4V3-V
W7
4
4.3
4.6
5
1
3
1
80 (
≤ 90)
410 (
≤ 600)
- 6
- 1
BZX384C4V7-V
W8
4.4
4.7
5
5
1
3
2
50 (
≤ 80)
425 (
≤ 500)
- 5
2
BZX384C5V1-V
W9
4.8
5.1
5.4
5
1
2
2
40 (
≤ 60)
400 (
≤ 480)
- 3
4
BZX384C5V6-V
WA
5.2
5.6
6
5
1
1
2
15 (
≤ 40)
80 (
≤ 400)
- 2
6
BZX384C6V2-V
WB
5.8
6.2
6.6
5
1
3
4
6 (
≤ 10)
40 (
≤ 150)
- 1
7
BZX384C6V8-V
WC
6.4
6.8
7.2
5
1
2
4
6 (
≤ 15)
30 (
≤ 80)
2
7
BZX384C7V5-V
WD
7
7.5
7.9
5
1
1
5
6 (
≤ 15)
30 (
≤ 80)
3
7
BZX384C8V2-V
WE
7.7
8.2
8.7
5
1
0.7
5
6 (
≤ 15)
40 (
≤ 80)
4
7
BZX384C9V1-V
WF
8.5
9.1
9.6
5
1
0.5
6
6 (
≤ 15)
40 (
≤ 100)
5
8
BZX384C10-V
WG
9.4
10
10.6
5
1
0.2
7
8 (
≤ 20)
50 (
≤ 150)
5
8
BZX384C11-V
WH
10.4
11
11.6
5
1
0.1
8
10 (
≤ 20)
50 (
≤ 150)
5
9
BZX384C12-V
WI
11.4
12
12.7
5
1
0.1
8
10 (
≤ 25)
50 (
≤ 150)
6
9
BZX384C13-V
WK
12.4
13
14.1
5
1
0.1
8
10 (
≤ 30)
50 (
≤ 170)
7
9
BZX384C15-V
WL
13.8
15
15.6
5
1
0.05
0.7 VZnom.
10 (
≤ 30)
50 (
≤ 200)
7
9
BZX384C16-V
WM
15.3
16
17.1
5
1
0.05
0.7 VZnom.
10 (
≤ 40)
50 (
≤ 200)
8
9.5
BZX384C18-V
WN
16.8
18
19.1
5
1
0.05
0.7 VZnom.
10 (
≤ 45)
50 (
≤ 225)
8
9.5
BZX384C20-V
WO
18.8
20
21.2
5
1
0.05
0.7 VZnom.
15 (
≤ 55)
60 (
≤ 225)
8
10
BZX384C22-V
WP
20.8
22
23.3
5
1
0.05
0.7 VZnom.
20 (
≤ 55)
60 (
≤ 250)
8
10
BZX384C24-V
WR
22.8
24
25.6
5
1
0.05
0.7 VZnom.
25 (
≤ 70)
60 (
≤ 250)
8
10
BZX384C27-V
WS
25.1
27
28.9
2
0.5
0.05
0.7 VZnom.
25 (
≤ 80)
65 (
≤ 300)
8
10
BZX384C30-V
WT
28
30
32
2
0.5
0.05
0.7 VZnom.
30 (
≤ 80)
70 (
≤ 300)
8
10
BZX384C33-V
WU
31
33
35
2
0.5
0.05
0.7 VZnom.
35 (
≤ 80)
75 (
≤ 325)
8
10
BZX384C36-V
WW
34
36
38
2
0.5
0.05
0.7 VZnom.
35 (
≤ 90)
80 (
≤ 350)
8
10
BZX384C39-V
WX
37
39
41
2
0.5
0.05
0.7 VZnom.
40 (
≤ 130)
80 (
≤ 350)
10
12
BZX384C43-V
WY
40
43
46
2
0.5
0.05
0.7 VZnom.
45 (
≤ 150)
85 (
≤ 375)
10
12
BZX384C47-V
WZ
44
47
50
2
0.5
0.05
0.7 VZnom.
50 (
≤ 170)
85 (
≤ 375)
10
12
BZX384C51-V
X1
48
51
54
2
0.5
0.05
0.7 VZnom.
60 (
≤ 180)
85 (
≤ 400)
8
10
BZX384C56-V
X2
52
56
60
2
0.5
0.05
0.7 VZnom.
70 (
≤ 200) 100 (≤ 425)
10
12
BZX384C62-V
X3
58
62
66
2
0.5
0.05
0.7 VZnom.
80 (
≤ 215) 100 (≤ 450)
10
12
BZX384C68-V
X4
64
68
72
2
0.5
0.05
0.7 VZnom.
90 (
≤ 240) 150 (≤ 475)
10
12
BZX384C75-V
X5
70
75
79
2
0.5
0.05
0.7 VZnom.
95 (
≤ 255) 170 (≤ 500)
10
12


同様の部品番号 - BZX384C12-V

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BZX384C12-V VISHAY-BZX384C12-V Datasheet
111Kb / 9P
   Small Signal Zener Diodes
Rev. 1.6, 17-May-06
BZX384C12-V VISHAY-BZX384C12-V Datasheet
105Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
More results

同様の説明 - BZX384C12-V

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com