データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDW94C データシート(PDF) 1 Page - Tiger Electronic Co.,Ltd

部品番号 BDW94C
部品情報  Complementary Power Darlington TR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BDW94C データシート(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BDW94C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
100
V
Collector-Emitter Voltage
V
CEO
100
V
Collector Current
I
C
12
A
Base Current
I
B
0.2
A
Total Dissipation at
P
tot
80
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
BDW93C / BDW94C
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICBO
V
CE=100V, IE=0
0.1
mA
Collector Cut-off Current
ICEO
V
CE=100V, IB=0
1.0
mA
Emitter Cut-off Current
IEBO
V
EB=5V, IC=0
2.0
mA
Collector-Emitter Sustaining Voltage
VCEO
I
C=100mA, IB=0
100
V
DC Current Gain
hFE
V
CE=3V, IC=3A
1000
20000
V
CE=3V, IC=5A
750
20000
V
CE=3V, IC=10A
100
20000
Collector-Emitter Saturation Voltage
VCE(sat)
I
C=5A, IB=20mA
2.0
V
I
C=10A, IB=100mA
3.0
V
Base-Emitter Saturation Voltage
VBE(sat)
I
C=5A, IB=20mA
2.5
V
I
C=10A, IB=100mA
4.0
V
Parallel Diode Forward Voltage
VF
I
F=5A
1.3
V
I
F=10A
1.8
V
Complementary Power Darlington TR
Product specification
It is intented for use in power
amplifier and switching applications.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TO-220
A1 A2 G
TIGER ELECTRONIC CO.,LTD


同様の部品番号 - BDW94C

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
BDW94C MOSPEC-BDW94C Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
JILIN SINO-MICROELECTRO...
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
   High frequency switching power supply
logo
Power Innovations Ltd
BDW94C POINN-BDW94C Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDW94C NJSEMI-BDW94C Datasheet
137Kb / 2P
   Silicon PNP Power Transistor
logo
STMicroelectronics
BDW94C STMICROELECTRONICS-BDW94C Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

同様の説明 - BDW94C

メーカー部品番号データシート部品情報
logo
Comset Semiconductor
2N6053 COMSET-2N6053 Datasheet
135Kb / 3P
   COMPLEMENTARY POWER DARLINGTON
2N6055 COMSET-2N6055 Datasheet
164Kb / 3P
   COMPLEMENTARY POWER DARLINGTON
logo
Seme LAB
BDS28A SEME-LAB-BDS28A Datasheet
104Kb / 3P
   COMPLEMENTARY POWER DARLINGTON
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
   Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com