データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

31DQ10G データシート(PDF) 1 Page - Vishay Siliconix

部品番号 31DQ10G
部品情報  Schottky Rectifier, 3.3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

31DQ10G データシート(HTML) 1 Page - Vishay Siliconix

  31DQ10G Datasheet HTML 1Page - Vishay Siliconix 31DQ10G Datasheet HTML 2Page - Vishay Siliconix 31DQ10G Datasheet HTML 3Page - Vishay Siliconix 31DQ10G Datasheet HTML 4Page - Vishay Siliconix 31DQ10G Datasheet HTML 5Page - Vishay Siliconix 31DQ10G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-31DQ09G, VS-31DQ09G-M3, VS-31DQ10G, VS-31DQ10G-M3
www.vishay.com
Vishay Semiconductors
Revision: 19-Sep-11
1
Document Number: 93322
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 3.3 A
FEATURES
• Low profile, axial leaded outline
• High frequency operation
• Very low forward voltage drop
• High
purity,
high
temperature
epoxy
encapsulation
forenhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and
long termreliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for commercial level
• Halogen-free according to IEC 61249-2-21 definition
(-M3 only)
DESCRIPTION
The VS-31DQ..G... axial leaded Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
Package
DO-201AD (C-16)
IF(AV)
3.3 A
VR
90 V, 100 V
VF at IF
See Electrical table
IRM max.
3.0 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
3.0 mJ
Cathode
Anode
C-16
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.3
A
VRRM
90/100
V
IFSM
tp = 5 μs sine
370
A
VF
3 Apk, TJ = 25 °C
0.85
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-31DQ09G
VS-31DQ09G-M3
VS-31DQ10G
VS-31DQ10G-M3
UNITS
Maximum DC reverse voltage
VR
90
90
100
100
V
Maximum working peak
reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TC = 53.4 °C, rectangular waveform
3.3
A
Maximum peak one cycle
non-repetitive surge current, TJ = 25 °C
See fig. 6
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
370
10 ms sine or 6 ms rect. pulse
60
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, 18 μs square pulse
3.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.5
A


同様の部品番号 - 31DQ10G

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
31DQ10G VISHAY-31DQ10G Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ10GPBF VISHAY-31DQ10GPBF Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ10GTR VISHAY-31DQ10GTR Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ10GTRPBF VISHAY-31DQ10GTRPBF Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
More results

同様の説明 - 31DQ10G

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-31DQ03 VISHAY-VS-31DQ03 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
02-Oct-12
31DQ03 VISHAY-31DQ03_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
31DQ05 VISHAY-31DQ05_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ04 VISHAY-VS-31DQ04 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ09G VISHAY-VS-31DQ09G Datasheet
113Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ10TR VISHAY-VS-31DQ10TR Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
31DQ09 VISHAY-31DQ09 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09G VISHAY-31DQ09G Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09 VISHAY-31DQ09_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ05 VISHAY-VS-31DQ05 Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com