データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD2241G データシート(PDF) 10 Page - Rohm

部品番号 BD2241G
部品情報  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD2241G データシート(HTML) 10 Page - Rohm

Back Button BD2241G Datasheet HTML 5Page - Rohm BD2241G Datasheet HTML 6Page - Rohm BD2241G Datasheet HTML 7Page - Rohm BD2241G Datasheet HTML 8Page - Rohm BD2241G Datasheet HTML 9Page - Rohm BD2241G Datasheet HTML 10Page - Rohm BD2241G Datasheet HTML 11Page - Rohm BD2241G Datasheet HTML 12Page - Rohm BD2241G Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Technical Note
10/12
BD2240G, BD2241G
www.rohm.com
2011.05 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Typical Application Circuit
Controller
10kΩ~
100kΩ
CL
CIN
VIN
GND
EN(/EN)
VOUT
/OC
5V (Typ.)
Ferrite
Beads
+
-
Fig.44 Typical application circuit
Application Information
When excessive current flows owing to output short-circuit or so, ringing occurs by inductance of power source line to IC,
and may cause bad influences upon IC actions. In order to avoid this case, connect a bypath capacitor CIN by VIN terminal
and GND terminal of IC. 1μF or higher is recommended. In order to decrease voltage fluctuations of power source line to IC,
connect a low ESR capacitor in parallel with CIN. 10μF ~ 100μF or higher is effective.
Pull up /OC output by resistance 10kΩ ~ 100kΩ.
Set up value which satisfies the application as CL and Ferrite Beads.
This system connection diagram doesn’t guarantee operating as the application.
When using the circuit with changes to the external circuit constants, make sure to leave an adequate margin for external
components including static and transitional characteristics as well as dispersion of the IC.
Power Dissipation Characteristic
(SSOP5 package)
Fig.45 Power Dissipation Curve (Pd-Ta Curve)
* 70mm x 70mm x 1.6mm Glass Epoxy Board
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta [℃]
85


同様の部品番号 - BD2241G

メーカー部品番号データシート部品情報
logo
Rohm
BD2241G-GTR ROHM-BD2241G-GTR Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
More results

同様の説明 - BD2241G

メーカー部品番号データシート部品情報
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com