データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIA6282K データシート(PDF) 5 Page - Tiger Electronic Co.,Ltd

部品番号 KIA6282K
部品情報  4.6W DUAL AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA6282K データシート(HTML) 5 Page - Tiger Electronic Co.,Ltd

  KIA6282K Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
D6282
As the o s cillat i on allowan ce varie s ac c o rding to t h e print e d pattern la yout, the
standard printed board is recomme nded to be referred to des
ign it
5. INPUT VOLTAGE
When the excessive signal is input, turning-up is produced in the clip waveform.
The tu rnin g-up point is VIN = 3 00mVr ms (Ty p .) : V c c= 9 V, R L =4 Ω ,f=1kHz : Enough
care mu st be taken for this phenomenon.
6. POWER ON/OFF SWITCH
There is p o we r ON/ O FF swi t ch at pin 3. However, ou tput power is ch anged by pin
3 suppl y voltage when pin 3 voltage i n not sa me pin 12 supply volt a ge, aft e r
referring to attached date, select pin 3 supply voltage.
7. GND LINE
GND p i n is not separated fo r Pre-GND an d for Pw-GND. That is liable t o cause
distortion and cross talk worse. Before use this IC, please check it.
CHARACTERISTICS CURVES


同様の部品番号 - KIA6282K

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
More results

同様の説明 - KIA6282K

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D6283 ETC1-D6283 Datasheet
310Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
A6283 UTC-A6283 Datasheet
293Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
A6283 UTC-A6283_15 Datasheet
298Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
D6282 YONGFUKANG-D6282 Datasheet
119Kb / 6P
   4.6W Dual Audio Power Amplifier
logo
KEC(Korea Electronics)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
KIA6283K KEC-KIA6283K Datasheet
176Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
logo
Samsung semiconductor
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A0067X01 SAMSUNG-S1A0067X01 Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
KA22065 SAMSUNG-KA22065 Datasheet
98Kb / 3P
   4.6W DUAL POWER AMP
KA22067 SAMSUNG-KA22067 Datasheet
126Kb / 6P
   4.6W AUDIO POWER AMP (GENERAL DESCRIPTION)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com