データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2576BM データシート(PDF) 4 Page - Tiger Electronic Co.,Ltd

部品番号 LM2576BM
部品情報  3A Step-Down Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576BM データシート(HTML) 4 Page - Tiger Electronic Co.,Ltd

  LM2576BM Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LM2576BM
4/9
ELECTRI CAL CH ARACTERISTICS
(Specifications with standard type face are for
TJ = 25°C,)
Parameter
Symbol
Condition
Min.
*2
Typ.
Max.
Unit
Device P a r a meters
Feedback
bias
current
Ib
Adjustable version
only, VOUT=5V
50
100
nA
Oscillator
frequency
fO
*8
47
52
58
kHz
VSAT saturation voltage
VSAT
IOUT=3A *4
1.4
1.8
V
Max. duty cycle(ON)
DC
*5
93
98
%
Current limit
ICL
*4,8
4.2
5.8
6.9
A
Output=0V *6,7
2.3
mA
Output
leakage
current
IL
Output=-1VV *10
7.5
30
mA
Quiescent current
IQ
*6
5
10
mA
Standby quiescent
current
ISTBY
ON/OFF PIN=5V
50
200
µ A
ON/OFF Control
VIH
VOUT=0V
2.0
V
ON/OFF pin logic
input level
VIL
VOUT=nominal output
voltage
0.8
V
IIH
ON/OFF pin=5V(OFF)
4
30
µ A
ON/OFF pin input
current
IIL
ON/OFF pin=0V(ON)
0.01
10
µ A
LM 2576BM 3.3V System Pa ra me te rs
*3
Output voltagde
VOUT
6V≤VIN≤40V
0.5A≤ILOAD≤3A
3.234
3.3
3.366
V
Efficiency
η
VIN=12V,ILOAD=3A
73
%
LM 2576BM 5.0V System Pa ra me te rs
*3
Output voltagde
VOUT
8V≤VIN≤40V
0.5A≤ILOAD≤3A
4.8
5.0
5.2
V
Efficiency
η
VIN=12V,ILOAD=3A
77
%
LM 2576BM 12V System Pa ra me te rs
*3
Output voltagde
VOUT
15V≤VIN≤40V
0.5A≤ILOAD≤3A
11.52
12.0
12.48
V
Efficiency
η
VIN=15V,ILOAD=3A
88
%
LM 2576BM ADJ Syste m Pa ra me te rs
*3
Output voltagde
VOUT
8V≤VIN≤40V
0.5A≤ILOAD≤3A
VOUT=5V
1.193
1.230
1.267
V
Efficiency
η
VIN=12V,ILOAD=3A
VOUT=5V
77
%
* 1 Abso lut e Max i mu m Rati ngs i n dicat es limits bey o n d which dama ge t o th e de vice may
occur. Operating Ratings indicate conditions for which the device is intended to be


同様の部品番号 - LM2576BM

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
LM2576BT MICREL-LM2576BT Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2576BT MICREL-LM2576BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576BT MICREL-LM2576BT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576BT MICREL-LM2576BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576BU MICREL-LM2576BU Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
More results

同様の説明 - LM2576BM

メーカー部品番号データシート部品情報
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com