データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3DS10224 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3DS10224
部品情報  High-Speed 2:4 Differential Multiplexer / Demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DS10224 データシート(HTML) 10 Page - Texas Instruments

Back Button TS3DS10224 Datasheet HTML 6Page - Texas Instruments TS3DS10224 Datasheet HTML 7Page - Texas Instruments TS3DS10224 Datasheet HTML 8Page - Texas Instruments TS3DS10224 Datasheet HTML 9Page - Texas Instruments TS3DS10224 Datasheet HTML 10Page - Texas Instruments TS3DS10224 Datasheet HTML 11Page - Texas Instruments TS3DS10224 Datasheet HTML 12Page - Texas Instruments TS3DS10224 Datasheet HTML 13Page - Texas Instruments TS3DS10224 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CL
(see Note A)
TEST CIRCUIT
S1
2 × VCC
Open
GND
RL
RL
VOH
VOL
VOLTAGE WAVEFORMS
OUTPUT SKEW (tsk(o))
Data Out at
YB1 or YB 2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
50 Ω
VG1
VCC
DUT
50 Ω
VIN
50 Ω
VG2
50 Ω
VI
Input Generator
Input Generator
VO
(VOH + VOL)/2
VOH
VOL
Data Out at
XB1 or XB 2
(VOH + VOL)/2
3.0 V
0 V
Data In at
Ax or Ay
tPLHx
tPHLx
tsk(o)
tsk(o)
tPLHy
tPHLy
tsk(o) = tPLHy − tPLHx or tPHLy − tPHLx
VOH
VOL
VOLTAGE WAVEFORMS
PULSE SKEW [t sk(p)]
Output
(VOH + VOL)/2
Input
tPLH
tPHL
tsk(p) = tPHL − tPLH
VO
VI
VO
1.5 V
3.0 V
0 V
1.5 V
TEST
RL
S1
CL
3.3 V ± 0.3 V
VCC
Vin
tsk(p)
tsk(o)
3.3 V ± 0.3V
Open
Open
50 Ω
VCC or GND
VCC or GND
2 pF
2 pF
50 Ω
TS3DS10224
SCDS318
– JUNE 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Test Circuit and Voltage Waveforms
10
Copyright
© 2011, Texas Instruments Incorporated


同様の部品番号 - TS3DS10224

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227 Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227 Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI1-TS3DS26227 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZPR TI-TS3DS26227YZPR Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZTR TI-TS3DS26227YZTR Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results

同様の説明 - TS3DS10224

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7PA53FU TOSHIBA-TC7PA53FU_07 Datasheet
163Kb / 8P
   2-Channel Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com