データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74279224181 データシート(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74279224181
部品情報  WE-MPSB EMI Multilayer Power Suppression Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74279224181 データシート(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74279224181 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224181 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224181 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224181 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224181 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224181 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.0
REV
2011-10-01
DATE
SSt
BY
SMu
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MPSB EMI Multilayer Power
Suppression Bead
Order.- No.
74279224181
SIZE
A4
Size: 2220
F Typical Impedance Characteristics
F Derating Curve:
valid for ambient temperature: -55°C to +85°C
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, avia-
tion, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH & Co. KG must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be
performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74279224181

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74279224101 WURTH-74279224101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224151 WURTH-74279224151 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224171 WURTH-74279224171 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
More results

同様の説明 - 74279224181

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74279224251 WURTH-74279224251 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279225101 WURTH-74279225101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279223560 WURTH-74279223560 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224101 WURTH-74279224101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220321 WURTH-74279220321 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279228600 WURTH-74279228600 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220800 WURTH-74279220800 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279228111 WURTH-74279228111 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224171 WURTH-74279224171 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224271 WURTH-74279224271 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com