データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1101-25EG6TP データシート(PDF) 2 Page - Touchstone Semiconductor Inc

部品番号 TS1101-25EG6TP
部品情報  A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1101-25EG6TP データシート(HTML) 2 Page - Touchstone Semiconductor Inc

  TS1101-25EG6TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1101-25EG6TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1101-25EG6TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1101-25EG6TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1101-25EG6TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1101-25EG6TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1101-25EG6TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1101-25EG6TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1101-25EG6TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS1101
Page 2
TS1101DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
RS+, RS- to GND..............................................-0.3V to +27V
VDD, OUT, SIGN to GND ....................................... -0.3V to +6
RS+ to RS-..................................................................... ±27V
Short-Circuit Duration: OUT to GND .................... Continuous
Continuous Input Current (Any Pin) ............................ ±20mA
Continuous Power Dissipation (TA = +70°C)
6-Lead SOT23 (Derate at 4.5mW/°C above +70°C)
............................................................................... 360mW
Operating Temperature Range .................... -40°C to +105°C
Junction Temperature ................................................ +150°C
Storage Temperature Range ....................... -65°C to +150°C
Lead Temperature (Soldering, 10s) ........................... +300°C
Soldering Temperature (Reflow) ............................ +260°C
Electrical and thermal stresses beyond those lis
ted under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART MARKING
CARRIER
QUANTITY
TS1101-25EG6TP
TADN
Tape & Reel
-----
TS1101-25EG6T
Tape & Reel
3000
TS1101-50EG6TP
TADP
Tape & Reel
-----
TS1101-50EG6T
Tape & Reel
3000
TS1101-100EG6TP
TADQ
Tape & Reel
-----
TS1101-100EG6T
Tape & Reel
3000
TS1101-200EG6TP
TADR
Tape & Reel
-----
TS1101-200EG6T
Tape & Reel
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


同様の部品番号 - TS1101-25EG6TP

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1101-25EG6 SILABS-TS1101-25EG6 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

同様の説明 - TS1101-25EG6TP

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com