データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5222D データシート(PDF) 1 Page - Sanken electric

部品番号 LC5222D
部品情報  Hybrid Integrated Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5222D データシート(HTML) 1 Page - Sanken electric

  LC5222D Datasheet HTML 1Page - Sanken electric LC5222D Datasheet HTML 2Page - Sanken electric LC5222D Datasheet HTML 3Page - Sanken electric LC5222D Datasheet HTML 4Page - Sanken electric LC5222D Datasheet HTML 5Page - Sanken electric LC5222D Datasheet HTML 6Page - Sanken electric LC5222D Datasheet HTML 7Page - Sanken electric LC5222D Datasheet HTML 8Page - Sanken electric LC5222D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LC5222D/25D and LC5222S/25S
Description
LC5220 series is a non-isolating, simple and efficient LED
driver. The high voltage capability allows direct connection
to a wide range of supply voltages ranging from 25 to 400 V
(recommended). The LC5220 uses constant current mode
to drive LEDs. and buck and buck-boost voltage converters
can be configured.
A power MOSFET and controller IC are incorporated in
one package. Because few external parts are required, the
LC5220 is ideal for use in small-size LED light bulbs.
Various control requirements can be supported through the
REF pin, including peak current control, output on/off, and
sleep mode enable.
Moreover, there is a protection circuit for freewheeling
diode open, protection for a buck-boost voltage converter
open LED load, and a variable overcurrent protection func-
tion. These features improve safety for both the LC5220 and
the LEDs.
Features and Benefits
• Buck and buck-boost topology; selectable by peripheral
circuit structure
• Built-in fixed reference voltage limiting constant current
control; high precision regulator improves current
precision and simplifies setting of current level
• Sleep function, with latch mode; input high, 3 V or more,
on REF pin turns off IC output to LEDs
• Enable function; input low on REF pin toggles IC output
to LEDs
• High input voltage; up to 250 V or 450 V, depending on
product
• Output Current: 0.5A
• Built-in constant current control; PWM method, output
current adjustable by the voltage input on the REF pin
• External adjustable PWM dimming control
• Protection features:
▫ Open protection (OPP) with latched shutdown; protects
IC when a free-wheeling diode is open
▫ Undervoltage lockout (UVLO)
▫ Overcurrent protection (OCP) with latched shutdown;
variable OCP threshold linked to REF pin voltage
▫ Thermal shutdown (TSD) with auto restart
Off-Line DC/DC LED Driver ICs
Typical Application
Applications
• LED lighting fixtures
• LED light bulbs
Packages
Not to scale
DIP8
SOP8
LC5220
VBB
OUT
SEN
GND
REG
PWM
REF
R1
R2
CPWM
RS
D1
L1
C2
C1
CIN
AC
Input
VIN
C3
Line
Filter
VLED
An example of a buck voltage converter application circuit
LC5222D/25D_22S/25S-DS
SANKEN ELECTRIC CO., LTD.
August 8, 2012


同様の部品番号 - LC5222D

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
More results

同様の説明 - LC5222D

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5203D SANKEN-LC5203D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222S SANKEN-LC5222S Datasheet
288Kb / 8P
   Hybrid Integrated Circuit
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
LC5226D SANKEN-LC5226D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5205S SANKEN-LC5205S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com