データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5222D データシート(PDF) 2 Page - Sanken electric

部品番号 LC5222D
部品情報  Hybrid Integrated Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5222D データシート(HTML) 2 Page - Sanken electric

  LC5222D Datasheet HTML 1Page - Sanken electric LC5222D Datasheet HTML 2Page - Sanken electric LC5222D Datasheet HTML 3Page - Sanken electric LC5222D Datasheet HTML 4Page - Sanken electric LC5222D Datasheet HTML 5Page - Sanken electric LC5222D Datasheet HTML 6Page - Sanken electric LC5222D Datasheet HTML 7Page - Sanken electric LC5222D Datasheet HTML 8Page - Sanken electric LC5222D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Selection Guide
Part
Number
Package
Maximum Input
Voltage
VBB(max)
(V)
Output MOSFET
RDS(ON)(max)
(Ω)
LC5222D
DIP8
250
2.2
LC5225D
450
6
LC5222S
SOP8
250
2.2
LC5225S
450
6
Absolute Maximum Ratings Unless specifically noted, TA is 25°C
Characteristic
Symbol
Notes
Pins1
Rating
Unit
Main Power Supply Voltage
VBB
LC5222D/S
6 – 8
(7 – 8)
250
V
LC5225D/S
450
V
Output Breakdown Voltage
VO(BR)
LC5222D/S
5 – 4
(5, 6 – 4)
250
V
LC5225D/S
450
V
Output Current2
IO
Pulse width ≥ 1 μs
5 – 4
(5, 6 – 4)
0.5
A
PWM Pin Voltage3
VPWM
2 – 8
−0.3 to VZ
V
REF Pin Input Voltage3
VREF
3 – 8
−0.3 to VZ
V
SEN Pin Voltage
VSEN
Pulse width ≥ 1 μs
4 – 8
−0.3 to 4.0
V
Allowable Power Dissipation4,5
PD
LC5222S
LC5225S
On Sanken evaluation PCB
0.85
W
LC5222D
LC5225D
1.73
W
Operating Ambient Temperature
TA
―−40 to 105
°C
Storage Temperature
Tstg
―−40 to 150
°C
Junction Temperature
TJ
150
°C
1
Where the pin numbers differ between the DIP8 and the SOP8 packages, the SOP8 pin number is written in parentheses.
2
The output current value may be restricted based on duty cycle, ambient air temperature, or heat dissipation conditions. In any case, please be sure
to keep from exceeding the junction temperature, TJ.
3
Zener diodes are built-in between the PWM pin and GND, and between the REF pin and GND. VZ is the breakdown voltage of these internal Zener
diodes, and VZ = 6.3 V (typ). In addition, the maximum sink current is 1 mA.
4
Allowable loss, PD , is dependent on the circuit layout of the PCB to be used.
5
Please refer to the Ambient Temperature versus Power Dissipation Curve.
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.
Ambient Temperature, TA (°C)
2.0
1.5
1.0
0.5
0
0
25
50
100
75
150
125
Ambient Temperature versus Power Dissipation
On Sanken evaluation PCB
R
θJ-A
= 72
°C/W
R
θJ-A = 147
°C/W
PD = 1.73 W
PD = 0.85 W
SOP
DIP
LC5222D/25D and
LC5222S/25S
2
SANKEN ELECTRIC CO., LTD.
LC5222D/25D_22S/25S-DS
Off-Line DC/DC LED Driver ICs
August 8, 2012


同様の部品番号 - LC5222D

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
More results

同様の説明 - LC5222D

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5203D SANKEN-LC5203D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222S SANKEN-LC5222S Datasheet
288Kb / 8P
   Hybrid Integrated Circuit
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
LC5226D SANKEN-LC5226D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5205S SANKEN-LC5205S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com