データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5222S データシート(PDF) 3 Page - Sanken electric

部品番号 LC5222S
部品情報  Hybrid Integrated Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5222S データシート(HTML) 3 Page - Sanken electric

  LC5222S Datasheet HTML 1Page - Sanken electric LC5222S Datasheet HTML 2Page - Sanken electric LC5222S Datasheet HTML 3Page - Sanken electric LC5222S Datasheet HTML 4Page - Sanken electric LC5222S Datasheet HTML 5Page - Sanken electric LC5222S Datasheet HTML 6Page - Sanken electric LC5222S Datasheet HTML 7Page - Sanken electric LC5222S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LED Lighting IC
LC5222S
SANKEN ELECTRIC CO.,LTD.
3/8
13 October 2011
4 Electrical Characteristic (Ta=25°C, VBB=140V, Unless Otherwise Noted.)
Parameter
Terminal
Symbol
Ratings
Units
Remarks
M IN
T YP
M AX
Power Supply Current
6−8
IBBs
1
1.5
mA
At disable
6−8
IBB
2.5
4.0
mA
At enable
Output MOSFET Breakdown Voltage
5−4
V(BR)DSS
250
V
ID=1mA
Output MOSFET On Resistance
5−4
RDS(on)
1.2
2.2
Ω
ID=0.5A
Body Diode Forward Voltage
4−5
VF
0.8
1.0
V
IF=0.5A
UVLO Threshold (Turn On)
6−8
VUVLO(on)
14
V
UVLO Threshold (Turn Off)
6−8
VUVLO(off)
12
V
Reg Output Voltage
1−8
VReg
9.6
10
10.4
V
IReg=0mA
Reg Output Current
1−8
IReg
−2
mA
VReg=9V
Enable Voltage
3−8
VENB
0.15
0.19
V
Sleep Voltage
3−8
VSLP
2.85
3.0
V
Ref Pin Input Current
3−8
IRef
−10
10
µA
Current Control Detection Voltage
4-8
VSen
0.4VRef
−0.03
0.4VRef
0.4VRef
+0.03
V
VRef=0.2~2.0V
0.77
0.8
0.83
V
VRef=2.0~3.0V
OCP Detection Voltage
4−8
VOCP
0.4VRef
+0.7
V
VRef=0.2~2.0V
1.5
V
VRef=2.0~3.0V
Sen Pin Input Current
4−8
ISen
−10
10
µA
PWM Pin Low Voltage
2−8
VPWML
2
V
PWM Pin High Voltage
2−8
VPWMH
3
V
PWM Pin Output Current
2−8
IPWM
−20
µA
PWM Blanking Time
tBLKP
0.3
µs
OCP Blanking Time
tBLKO
0.2
µs
PWM Frequency
2−8
fPWM
200
5
kHz
Duty=50%
PWM Off Time
tOff
17
µs
CPWM=100pF
Rise Time
5−4
tr
25
ns
Io=0.4A
Fall Time
5−4
tf
50
ns
Io=0.4A
Thermal Shutdown Threshold
TTSD
150
°C
Temperature
of Control IC
Thermal Shutdown Hysteresis
TTSDhys
55
°C
※5 Operation at a PWM frequency greater than f
PWM is possible but not warranted.


同様の部品番号 - LC5222S

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5222S SANKEN-LC5222S Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
More results

同様の説明 - LC5222S

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5203D SANKEN-LC5203D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
LC5226D SANKEN-LC5226D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5205S SANKEN-LC5205S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com