データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5525F データシート(PDF) 7 Page - Sanken electric

部品番号 LC5525F
部品情報  Hybrid IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5525F データシート(HTML) 7 Page - Sanken electric

Back Button LC5525F Datasheet HTML 3Page - Sanken electric LC5525F Datasheet HTML 4Page - Sanken electric LC5525F Datasheet HTML 5Page - Sanken electric LC5525F Datasheet HTML 6Page - Sanken electric LC5525F Datasheet HTML 7Page - Sanken electric LC5525F Datasheet HTML 8Page - Sanken electric LC5525F Datasheet HTML 9Page - Sanken electric LC5525F Datasheet HTML 10Page - Sanken electric LC5525F Datasheet HTML 11Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
SANKEN ELECTRIC CO., LTD.
LC5525F-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator IC
LC5525F
November 26, 2012
Package Outline Drawing, TO-220F Leadform 3051
b
a
LC
±0.2
(At base of pin)
(At base of pin)
(At tip of pin)
Front view
Side view
(At tip of pin)
=5.85±0.15
5×P1.17±0.15
±0.2
(1.1)
±0.2
7
6
5
4
3
2
1
10
7-0.55
+0.2
-0.1
7-0.62 ±0.15
2 ±0.15
4.2
2.6
±0.1
2.6
R-end
R-end
-0.1
+0.2
0.45
2.54±0.6
5.08±0.6
0.5
0.5
0.5
0.5
Gate burr
b: Lot number
1
st
letter: Last digit of year
2
nd
letter: Month
Jan to September: Numeric
October: O
November: N
December: D
3
rd
and 4
th
letter: Date
01 to 31: Numeric
5
th
letter: Sanken control number
a: Part # 5525F
Unit:
mm
Package: TO-220F-7L
"Gate Burr" shows area
where 0.3 mm (max) gate
burr may be present
Pin treatment Pb-free. Device composition
compliant with the RoHS directive.


同様の部品番号 - LC5525F

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5525F SANKEN-LC5525F Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
More results

同様の説明 - LC5525F

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5511D SANKEN-LC5511D Datasheet
379Kb / 9P
   Hybrid IC
LC5521D SANKEN-LC5521D Datasheet
379Kb / 9P
   Hybrid IC
LC5523F SANKEN-LC5523F Datasheet
394Kb / 11P
   Hybrid IC
LC5523D SANKEN-LC5523D Datasheet
379Kb / 9P
   Hybrid IC
LC5513D SANKEN-LC5513D Datasheet
374Kb / 9P
   Hybrid IC
logo
KOA Speer Electronics, ...
KA7777D KOA-KA7777D Datasheet
61Kb / 1P
   hybrid IC
logo
List of Unclassifed Man...
STK0029 ETC-STK0029 Datasheet
18Kb / 1P
   HYBRID LINEAR IC
logo
NEC
MC5152 NEC-MC5152 Datasheet
298Kb / 2P
   HYBRID IC AMPLIFIER
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
List of Unclassifed Man...
STK080 ETC-STK080 Datasheet
145Kb / 1P
   THICK FILM HYBRID IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com