データシートサーチシステム |
|
TS5A22364DRCR データシート(PDF) 2 Page - Texas Instruments |
|
|
TS5A22364DRCR データシート(HTML) 2 Page - Texas Instruments |
2 / 30 page TS5A22362, TS5A22364 SCDS261D – MARCH 2008 – REVISED NOVEMBER 2011 www.ti.com DESCRIPTION/ORDERING INFORMATION The TS5A22362 and TS5A22364 are single-pole double-throw (SPDT) analog switches designed to operate from 2.3 V to 5.5 V. The devices feature negative signal capability that allows signals below ground to pass through the switch without distortion. Additionally, the TS5A22364 includes an internal shunt switch, which automatically discharges any capacitance at the NC or NO terminals when they are unconnected to COM. This reduces the audible click/pop noise when switching between two sources. The break-before-make feature prevents signal distortion during the transferring of a signal from one path to another. Low ON-state resistance, excellent channel-to-channel ON-state resistance matching, and minimal total harmonic distortion (THD) performance are ideal for audio applications. The 3x3 mm DRC package is also available as a non-magnetic package for medical imaging application. ORDERING INFORMATION TA PACKAGE(1) (2) ORDERABLE PART NUMBER TOP-SIDE MARKING(3) TS5A22362YZPR 392 NanoFree ™ – WCSP (DSBGA) Tape and reel YZP (Pb-free) TS5A22364YZPR 382 TS5A22362DGSR 39R MSOP (VSSOP) – DGS Tape and reel –40°C to 85°C TS5A22364DGSR 38R TS5A22362DRCR ZVG SON – DRC Tape and reel TS5A22364DRCR ZVF TS5A22362DRCT-NM ZVGNM (1) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (3) YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). SUMMARY OF CHARACTERISTICS V+ = 2.7 V, TA = 25°C 2:1 Multiplexer/Demultiplexer Configuration (2 × SPDT) Number of channels 2 ON-state resistance (ron) 0.65 Ω ON-state resistance match ( Δron) 0.023 Ω ON-state resistance flatness (ron(flat)) 0.18 Ω Turn-on/turn-off time (tON/tOFF) 80 ns/70 ns Break-before-make time (tBBM) 7 ns Charge injection (QC) 150 pC Bandwidth (BW) 17 MHz OFF isolation (OISO) –66 dB at 100 kHz Crosstalk (XTALK) –75 dB at 100 kHz Total harmonic distortion (THD) 0.01% Leakage current (INO(OFF), INC(OFF)) 50 nA 10-pin WCSP (YZP), Package options 10-pin VSSOP (DGS), and 10-pin SON (DRC) FUNCTION TABLE NC TO COM, NO TO COM, IN COM TO NC COM TO NO L ON OFF H OFF ON 2 Submit Documentation Feedback Copyright © 2008–2011, Texas Instruments Incorporated Product Folder Link(s): TS5A22362 TS5A22364 |
同様の部品番号 - TS5A22364DRCR |
|
同様の説明 - TS5A22364DRCR |