データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF07M データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 UF07M
部品情報  HIGH EFFICIENCY RECTIFIERS REVERSE VOLTAGE: 50 - 1000 V CURRENT: 0.7 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

UF07M データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  UF07M Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited UF07M Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
FEATURES
◇ Low forward surge current
◇ Ideal for surface mouted applications
◇ Low leakage current
MECHANICAL DATA
◇ Case:JEDEC SOD-123FL,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.006 ounces, 0.02 gram
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
UB
UD
UG
UJ
UK
UM
VRRM
100
200
400
600
800
1000
V
VRMS
70
140
280
420
560
700
V
VDC
100
200
400
600
800
1000
V
RθJA
℃/W
Tj
TSTG
NOTE1.Pulse test: pulse width 300
µsec,duty cycle 2%.
µA
trr
ns
IR
10
200
Typical thermal resistance junction to lead
180
Maximum instantaneous
forward voltage @IFM=0.7A (Note 1)
VF
07A
07B
07D
07G
07J
07K
07M
UA
UNITS
Device marking code
BLGALAXYELECTRICAL
UF07A---UF07M
50
A
I(AV)
A
35
50
- 55 --- + 150
www.galaxycn.com
IFSM
- 55 --- + 150
HIGH EFFICIENCY RECTIFIERS
0.7
20
UF
UF
UF
UF
UF
UF
UF
REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 0.7 A
SOD - 123FL
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current @TA=75℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
Maximum DC reverse current @TA=25℃
at rated DC blocking voltage @TA=125℃
Operating temperature range
Storage temperature range
on rated load
Maximum reverse
V
Document Number 0280086
1.
BLGALAXYELECTRICAL
1
1.0
1.4
1.7
50
75
recovery time (Note 2)
2.Measured with IF=0.5A,IR=1.0A,Irr=0.25A.
Dimensions in millimeters


同様の部品番号 - UF07M

メーカー部品番号データシート部品情報
logo
Shenzhen Taychipst Elec...
UF07M TAYCHIPST-UF07M Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07M LUGUANG-UF07M Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07M CHENDA-UF07M Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
UF07M DGNJDZ-UF07M Datasheet
2Mb / 3P
   1 Amp Ultra Fast Recovery
logo
Diode Semiconductor Kor...
UF07M DSK-UF07M Datasheet
266Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

同様の説明 - UF07M

メーカー部品番号データシート部品情報
logo
Rugao Dachang Electroni...
US2A DACHANG-US2A Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A
US3A DACHANG-US3A Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 3.0 A
US1A DACHANG-US1A Datasheet
120Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US1AL DACHANG-US1AL Datasheet
129Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
logo
First Silicon Co., Ltd
S1AF FS-S1AF Datasheet
608Kb / 2P
   Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
logo
SeCoS Halbleitertechnol...
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
HER301GR SECOS-HER301GR Datasheet
175Kb / 2P
   Voltage 50 ~ 1000 V 3Amp Glass Passivated High Efficiency Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
HER501GR SECOS-HER501GR Datasheet
264Kb / 2P
   Voltage 50 ~ 1000 V 5Amp Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com