データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCO_B データシート(PDF) 6 Page - Rohm

部品番号 TCO_B
部品情報  Conductive polymer chip capacitors(Standard)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

TCO_B データシート(HTML) 6 Page - Rohm

  TCO_B_12 Datasheet HTML 1Page - Rohm TCO_B_12 Datasheet HTML 2Page - Rohm TCO_B_12 Datasheet HTML 3Page - Rohm TCO_B_12 Datasheet HTML 4Page - Rohm TCO_B_12 Datasheet HTML 5Page - Rohm TCO_B_12 Datasheet HTML 6Page - Rohm TCO_B_12 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.03 - Rev.I
Data Sheet
TCO Series B Case
Standard list, TCO series B cace
Part No.
Rated
Voltage
85
°C
(V)
Category
Voltage
105
°C
(V)
Surge
Voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
Current
25
°C
1WV 5min
(
μA)
Df
120Hz
(%)
−55°C
105
°C
25
°C
85
°C
ESR
100kHz
(m
Ω)
=Tolerance(M :
± 20%)
=Under development
4
6.3
3.2
5
5
5
8
8
TCO B 0G 227
TCO B 0J 336
TCO B 0J 686
220
33
68
15
20
150
150
150
30
812
8
812
8
20
+−
20
+−
20
+−
88
4
3.2
5
TCO B 0G 157
150
8
12
150
8
20
+−
60
2.5
2
3.2
TCO B 0E 227
220
8
12
150
8
20
+−
55
21
6.3
6.3
6.3
6.3
58
TCO B 0J 476
47
150
812
8
20
+−
30
42.9
10
8
13
TCO B 1A 476
47
150
812
8
20
+−
47
58
TCO B 0J 107
100
20
+−
63
150
812
8
58
TCO B 0J 157
150
20
+−
94.5
150
15
20
30
10
8
13
TCO B 1A 336
33
20
+−
33
150
812
8
150
812
8
16
12.8
20
TCO B 1C 106
10
20
+−
16
150
812
8
20
−−
TCO B 1D 685
6.8
20
+−
13.6
150
812
8
25
−−
TCO B 1E 475
4.7
20
+−
11.8
2.5
2
3.2
TCO B 0E 337
330
15
20
150
30
20
+−
82.5
Packaging specifications
Pull-out direction
Tape [ B case ]
Reek [ B case ]
11.4 1.0
Labelsticling position
EIAJ ET
−7200A
Pull direction
+−
Case
B
A 0.1
+−
B 0.1
+−
t1 0.05
+−
t2 0.1
+−
3.3
3.8
0.25
2.2
2.0±0.05
4.0±0.1
4.0±0.1
A
B
Chip
φ1.5 +0.1
−0
t2
t1
(Unit : mm)
(Unit : mm)
Packaging style
2,000pcs
Case code
package
Taping
B
Packaging style
plastic taping
φ180mmReel
Symbol
8R
Basic ordering units
Damp proof package
One reel is packed in aluminum bag.
The size of aluminum bag is 240(a) x 250(b)mm.
The size up to 230(c)mm is to zipper.
A desiccant is packed with a reel.
The aluminum bag is heat-sealed.
The label of the same as the label on the reel is placed on the
aluminum bag.
C
b
a


同様の部品番号 - TCO_B_12

メーカー部品番号データシート部品情報
logo
Rohm
TCO_B ROHM-TCO_B_10 Datasheet
156Kb / 6P
   Chip tantalum capacitors
More results

同様の説明 - TCO_B_12

メーカー部品番号データシート部品情報
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com