データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXRS646BBGZ データシート(PDF) 6 Page - Analog Devices

部品番号 ADXRS646BBGZ
部品情報  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXRS646BBGZ データシート(HTML) 6 Page - Analog Devices

Back Button ADXRS646BBGZ Datasheet HTML 2Page - Analog Devices ADXRS646BBGZ Datasheet HTML 3Page - Analog Devices ADXRS646BBGZ Datasheet HTML 4Page - Analog Devices ADXRS646BBGZ Datasheet HTML 5Page - Analog Devices ADXRS646BBGZ Datasheet HTML 6Page - Analog Devices ADXRS646BBGZ Datasheet HTML 7Page - Analog Devices ADXRS646BBGZ Datasheet HTML 8Page - Analog Devices ADXRS646BBGZ Datasheet HTML 9Page - Analog Devices ADXRS646BBGZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXRS646
Data Sheet
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
Figure 4. Null Bias at 25°C
Figure 5. Null Drift over Temperature (VRATIO = 5 V)
Figure 6. Null Output over Temperature, 16 Parts in Sockets (VRATIO = 5 V)
Figure 7. Sensitivity at 25°C
Figure 8. Sensitivity Drift over Temperature
Figure 9. Typical Root Allan Deviation at 25°C vs. Averaging Time
30
0
5
10
15
20
25
RATEOUT (V)
30
0
5
10
15
20
25
DRIFT (°/sec/°C)
3.5
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
35
30
25
20
15
10
5
0
SENSITIVITY (mV/°/sec)
8.5
8.6
8.7
8.8
8.9
9.0
9.1
9.2
9.3
9.4
9.5
40
35
30
25
20
15
10
5
0
PERCENT DRIFT (%)
–10 –8 –6 –4 –2
0
2
4
6
8
10 12 14 16 18 20
1k
100
10
AVERAGING TIME (Seconds)
0.01
0.1
1
10
100
1k
100k
10k


同様の部品番号 - ADXRS646BBGZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

同様の説明 - ADXRS646BBGZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS645 AD-ADXRS645 Datasheet
323Kb / 10P
   High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com