データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP-75B データシート(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

部品番号 TP-75B
部品情報  75W Triple Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TP-75B データシート(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  TP-75B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TP-75B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. TP-75B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:TP-75-SPEC 2012-02-21
CaseNo.920A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
85
100
115
125
155
230
264
10
20
30
40
50
60
70
20
40
60
80
100
-10
0
(HORIZONTAL)
90
100
80
70
60
50
40
With18CFM
Forced AIR
(15cm)
Convection
T P - 7 5 series
75W TripleOutputwithPFCFunction
BlockDiagram
PFCfosc:67KHz
PWMfosc:134KHz
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
PFC
CONSTANT
CURRENT
LIMITING&
TerminalPinNo. Assignment
PinNo.
PinNo.
7
6
8
Assignment
Assignment
AC/N
DCOUTPUT +V2
AC/L
COM
DCOUTPUT +V1
DCOUTPUT +V3
FG
1
2,3
4
5
+ADJ.
LED
4
8
6
7
55
2
3
1
15
179
117
25
6-M4L=6mm
60
65
2-M4L=4mm
9max.


同様の部品番号 - TP-75B

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
TP-75B ASTRODYNE-TP-75B Datasheet
439Kb / 3P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75B MEANWELL-TP-75B Datasheet
594Kb / 3P
   75W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-75B RSG-TP-75B Datasheet
182Kb / 3P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75B MEANWELL-TP-75B Datasheet
609Kb / 3P
   75W Triple Output with PFC Function
logo
Tyco Electronics
TP-75BNC MACOM-TP-75BNC Datasheet
43Kb / 1P
   50/75-Ohm Transformer 2 - 200 MHz
More results

同様の説明 - TP-75B

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
TP-75 RSG-TP-75 Datasheet
182Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-75 ASTRODYNE-TP-75 Datasheet
439Kb / 3P
   75W Triple Output with PFC Function
TP75 ASTRODYNE-TP75 Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75 Datasheet
594Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
TP75DRL ASTRODYNE-TP75DRL Datasheet
1Mb / 4P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75_10 Datasheet
609Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
   75W Single Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com