データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUP602D データシート(PDF) 4 Page - Siemens Semiconductor Group

部品番号 BUP602D
部品情報  IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUP602D データシート(HTML) 4 Page - Siemens Semiconductor Group

  BUP602D Datasheet HTML 1Page - Siemens Semiconductor Group BUP602D Datasheet HTML 2Page - Siemens Semiconductor Group BUP602D Datasheet HTML 3Page - Siemens Semiconductor Group BUP602D Datasheet HTML 4Page - Siemens Semiconductor Group BUP602D Datasheet HTML 5Page - Siemens Semiconductor Group BUP602D Datasheet HTML 6Page - Siemens Semiconductor Group BUP602D Datasheet HTML 7Page - Siemens Semiconductor Group BUP602D Datasheet HTML 8Page - Siemens Semiconductor Group BUP602D Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
Jul-31-1996
BUP 602D
Power dissipation
P
tot = ƒ(TC)
parameter: Tj ≤ 150 °C
0
20
40
60
80
100
120
°C
160
T
C
0
20
40
60
80
100
120
W
160
P
tot
Collector current
I
C = ƒ(TC)
parameter: VGE ≥ 15 V , Tj ≤ 150 °C
0
20
40
60
80
100
120
°C
160
T
C
0
4
8
12
16
20
24
28
A
36
I
C
Safe operating area
I
C = ƒ(VCE)
parameter: D = 0, TC = 25°C , Tj ≤ 150 °C
-1
10
0
10
1
10
2
10
A
I
C
10
0
10
1
10
2
10
3
V
V
CE
DC
10 ms
1 ms
100 µs
t
p = 17.0µs
Transient thermal impedance
IGBT
Z
th JC = ƒ(tp)
parameter: D = tp / T
-3
10
-2
10
-1
10
0
10
K/W
Z
thJC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


同様の部品番号 - BUP602D

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUP603D SIEMENS-BUP603D Datasheet
112Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP604 SIEMENS-BUP604 Datasheet
145Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results

同様の説明 - BUP602D

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUP306D SIEMENS-BUP306D Datasheet
221Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP305D SIEMENS-BUP305D Datasheet
383Kb / 7P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP307D SIEMENS-BUP307D Datasheet
342Kb / 7P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP400D SIEMENS-BUP400D Datasheet
104Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP314D SIEMENS-BUP314D Datasheet
105Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP410D SIEMENS-BUP410D Datasheet
81Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP603D SIEMENS-BUP603D Datasheet
112Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP200D SIEMENS-BUP200D Datasheet
325Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
BUP313D SIEMENS-BUP313D Datasheet
110Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
BUP202 SIEMENS-BUP202 Datasheet
381Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com