データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


SD-25_12 データシート(Datasheet) 1 Page - Mean Well Enterprises Co., Ltd.

部品番号. SD-25_12
部品情報  25W Single Output DC-DC Converter
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo 

   
 1 page
background image
SPECIFICATION
SD-25A-5
SD-25B-5
SD-25C-5
SD-25B-12
SD-25C-12
SD-25B-24
SD-25C-24
SD-25A-12
SD-25A-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT
5V
12V
24V
5A
2.1A
1.1A
0~5A
0~2.1A
0~1.1A
25W
25.2W
26.4W
100mVp-p
120mVp-p
150mVp-p
2.0%
1.0%
1.0%
4.5~5.5VDC
11~16VDC
23~30VDC
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
2.5s,50ms,------atfullload
A:9.2~18VDCB:19~36VDCC:36~72VDC
71%
3.2A/12V
72%
74%
72%
1.6A/24V
75%
78%
75%
78%
81%
0.8A/48V
105~150% ratedoutputpower
5.75~6.75V/10%load
16.8~20V/10%load
31.5~37.5V/10%load
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB
DesignrefertoLVD
Complianceto
,EN55024,
EN61000-4-2,3,4,6,8
heavyindustrylevel,criteria A
-10~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
374.3Khrsmin.(SD-25A)365.9Khrsmin.(SD-25B)377.5KHrsmin.(SD-25C)MIL-HDBK-217F(25
)
99*97*36mm(L*W*H)
0.38Kg;45pcs/17.8Kg/0.9CUFT
FileName:SD-25-SPEC2011-08-23
SAFETY STANDARDS
25WSingleOutputDC-DCConverter
S D - 2 5 series
2:1 wide input range
Protections: Short circuit / Overload / Over voltage
1500VAC I/O isolation
Built-in EMI filter, low ripple noise
100% full load burn-in test
Fixed switching frequency at 83KHz
Low cost
High reliability
2 years warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
SAFETY &
EMC
(Note4)
1. All parameters NOT specially mentioned are measured at 12,24,48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
EMCIMMUNITY
EMCEMISSION




Html ページ

1  2 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl