データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ100SL-4 データシート(PDF) 1 Page - Siemens Semiconductor Group

部品番号 BUZ100SL-4
部品情報  SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ100SL-4 データシート(HTML) 1 Page - Siemens Semiconductor Group

  BUZ100SL-4 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
01/Oct/1997
BUZ 100SL-4
Preliminary data
SIPMOS ® Power Transistor
• Quad-channel
• Enhancement mode
• Logic level
• Avalanche-rated
• d
v/dt rated
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 100SL-4
55 V
7.4 A
0.023
P-DSO-28
C67078-S. . . .- . .
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
one channel active
TA = 25 °C
ID
7.4
A
Pulsed drain current
one channel active
TA = 25 °C
IDpuls
29.6
Avalanche energy, single pulse
ID = 7.4 A, VDD = 25 V, RGS = 25 Ω
L = 13.8 mH, Tj = 25 °C
EAS
380
mJ
Reverse diode d
v/dt
IS = 7.4 A, VDS = 40 V, diF/dt = 200 A/µs
Tjmax = 175 °C
d
v/dt
6
kV/µs
Gate source voltage
VGS
± 14
V
Power dissipation
,one channel active
TA = 25 °C
Ptot
2.4
W
Operating temperature
Tj
-55 ... + 175
°C
Storage temperature
Tstg
-55 ... + 175
IEC climatic category, DIN IEC 68-1
55 / 175 / 56


同様の部品番号 - BUZ100SL-4

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results

同様の説明 - BUZ100SL-4

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103SL-4 SIEMENS-BUZ103SL-4 Datasheet
107Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com