データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ104L データシート(PDF) 5 Page - Siemens Semiconductor Group

部品番号 BUZ104L
部品情報  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ104L データシート(HTML) 5 Page - Siemens Semiconductor Group

  BUZ104L Datasheet HTML 1Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 2Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 3Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 4Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 5Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 6Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 7Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 8Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
07/96
BUZ 104L
Drain current
ID = ƒ(TC)
parameter:
V
GS ≥ 5 V
0
20
40
60
80
100
120
140
°C
180
T
C
0
2
4
6
8
10
12
14
A
18
I
D
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
140
°C
180
T
C
0
5
10
15
20
25
30
35
40
45
50
55
W
65
P
tot
Safe operating area
I
D = ƒ(VDS)
parameter:
D = 0, T
C = 25°C
0
10
1
10
2
10
A
I
D
10
0
10
1
10
2
V
V
DS
DC
10 ms
1 ms
100 µs
t
p = 20.0µs
Transient thermal impedance
Z
th JC = ƒ(tp)
parameter:
D = t
p / T
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


同様の部品番号 - BUZ104L

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
logo
Inchange Semiconductor ...
BUZ104 ISC-BUZ104 Datasheet
65Kb / 2P
   Ultra low on-resistance
logo
Siemens Semiconductor G...
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL SIEMENS-BUZ104SL Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

同様の説明 - BUZ104L

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ101 SIEMENS-BUZ101 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ342 SIEMENS-BUZ342 Datasheet
214Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ100SL-4 SIEMENS-BUZ100SL-4 Datasheet
89Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103SL-4 SIEMENS-BUZ103SL-4 Datasheet
107Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com