データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ12 データシート(PDF) 8 Page - Siemens Semiconductor Group

部品番号 BUZ12
部品情報  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ12 データシート(HTML) 8 Page - Siemens Semiconductor Group

  BUZ12 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ12 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ12 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ12 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ12 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ12 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ12 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ12 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ12 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
07/96
BUZ 12
Not for new design
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 42 A, VDD = 25 V
RGS = 25 Ω, L = 23.2 µH
20
40
60
80
100
120
°C
160
T
j
0
5
10
15
20
25
30
35
mJ
45
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
ID puls = 63 A
0
10
20
30
40
50
60
70
80
nC 100
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V
(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
45
46
47
48
49
50
51
52
53
54
55
56
57
V
60
V
(BR)DSS


同様の部品番号 - BUZ12

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BUZ12 ISC-BUZ12 Datasheet
66Kb / 2P
   High input impedance
logo
Siemens Semiconductor G...
BUZ12A SIEMENS-BUZ12A Datasheet
121Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ12A ISC-BUZ12A Datasheet
66Kb / 2P
   High input impedance
logo
Siemens Semiconductor G...
BUZ12AL SIEMENS-BUZ12AL Datasheet
119Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
logo
Inchange Semiconductor ...
BUZ12AL ISC-BUZ12AL Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - BUZ12

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com