データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1930MC データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LB1930MC
部品情報  Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1930MC データシート(HTML) 1 Page - Sanyo Semicon Device

  LB1930MC Datasheet HTML 1Page - Sanyo Semicon Device LB1930MC Datasheet HTML 2Page - Sanyo Semicon Device LB1930MC Datasheet HTML 3Page - Sanyo Semicon Device LB1930MC Datasheet HTML 4Page - Sanyo Semicon Device LB1930MC Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
32112 SY 20120228-S00004 No.A2018-1/5
LB1930MC
Overview
The LB1930MC is single-channel forward/reverse DC brush motor driver. This device is optimal for CD, DVD and Blue
Ray Disk player loading motors. And it is possible to use it for others as a general-purpose product.
Features
• The low saturation voltage reduces IC internal heating and allows a high voltage to be applied to the motor. Thus this
device can be used even in environments with a high operating ambient temperature.
Output saturation voltage:
Vsat1 = 0.25V typical (IO = 0.2A)
(High side + low side):
Vsat2 = 0.55V typical (IO = 0.5A)
Operating temperature range: Ta = -30 to +85°C
• The LB1930MC features the wide operating voltage range of 2.2 to 10.8V and the low standby current drain of 0.1μA,
and therefore can easily be used in battery operated systems.
• To minimize through currents, the LB1930MC internal logic passes through an internal standby state when switched by
the input signals between forward/reverse and brake, or between forward and reverse.
• There are no constraints on the relationship between the input voltage and the supply voltage. For example, the
LB1930MC can be used with VCC = 3V, and VIN = 5V.
• If the IC chip exceeds 180°C due to an output short causing a large current flow, the built-in thermal protection circuit
suppresses the drive current to prevent fires or destruction of the IC.
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
11
V
Output current
IOUT max
1000
mA
Output voltage handling
VOUT max
VCC + VSF
V
Applied input voltage
IH max
10.5
V
Continued on next page.
Monolithic Digital IC
Low-Voltage, Low-Saturation
Bidirectional Motor Driver
Ordering number : ENA2018


同様の部品番号 - LB1930MC

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB1930MC ONSEMI-LB1930MC Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results

同様の説明 - LB1930MC

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Mitsumi Electronics, Co...
MM1097 MITSUMI-MM1097 Datasheet
47Kb / 3P
   Low Saturation Motor Driver Monolithic IC
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com