データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

KIC7S66FU データシート(PDF) 3 Page - KEC(Korea Electronics)

部品番号. KIC7S66FU
部品情報  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo 

KIC7S66FU Datasheet(HTML) 3 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2008 .9. 17
3/3
KIC7S66FU
Revision No : 3
AC ELECTRICAL CHARACTERISTICS (CL=50pF, Input tr=tf=6ns)
Note 1 : CPD defined as the value of internal equivalent capacitance which is calculated from the operating current consumption without load
Average operating current can be obtained by the equation
: ICC(opr)=CPD・VCC・fIN + ICC
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC
MIN.
TYP.
MAX.
MIN.
MAX.
Phase difference
between input and output
фI-O
-
2.0
4.5
9.0
-
-
-
20
7
4
75
15
12
-
-
-
100
20
15
ns
Output Enable Time
tPZL
tPZH
RL=1kΩ
2.0
4.5
9.0
-
-
-
20
13
9
150
30
18
-
-
-
190
38
33
ns
Output Disable Time
tPLZ
tPHZ
RL=1kΩ
2.0
4.5
9.0
-
-
-
40
11
10
170
35
30
-
-
-
220
44
38
ns
Maximum Control
Input Frequency
-
RL=1kΩ, CL=15pF
VOUT=1/2 VCC
2.0
4.5
9.0
-
-
-
30
30
30
-
-
-
-
-
-
-
-
-
MHz
Control Input Capacitance
CIN
-
-
-
5
10
-
10
pF
Switch Terminal Capacitance
CI/O
-
-
-
6
-
-
-
Feedthrough Capacitance
CIOS
-
-
-
0.5
-
-
-
Power Dissipation Capacitance
CPD
(Note 1)
-
-
15
-
-
-
CHARACTERISTIC
SYMBOL
TEST CONDITION
TYP.
UNIT
VCC
Total Harmonic
Distortion (T.H.D)
-
fIN=1kHz, VIN=4VPP (VCC=4.5V)
RL=10kΩ, VIN=8VPP (VCC=9.0V), CL=50pF
4.5
9.0
0.05
0.04
%
Maximum Propagation
Frequency
(SWITCH ON)
fMAX
Adjust fIN voltage to obtain 0dBm at VOS
Increase fIN frequency until dB Meter reads -3dB.
RL=50Ω, CL=10pF, fIN=1MHz, Sine Wave
4.5
9.0
200
200
MHz
Feedthrough
(SWITCH ON)
-
Vin is ceintered at VCC/2 Adjust input for 0dBm
RL=600Ω, CL=50pF, fIN=1MHz, Sine Wave
4.5
9.0
-60
-60
dB
Crosstalk
(CONTROL SWITCH)
-
RL=600Ω, CL=50pF, IN=1MHz, PULSE (tr=tf=6ns)
4.5
9.0
60
100
mV
Note : These Characteristics are determined by design of devices.
ANALOG SWITCH CHARACTERISTICS (GND=0V, Ta=25℃)


Html ページ

1  2  3 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn