データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIC3210T-028 データシート(PDF) 3 Page - KEC(Korea Electronics)

部品番号 KIC3210T-028
部品情報  CMOS Linear Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3210T-028 データシート(HTML) 3 Page - KEC(Korea Electronics)

  KIC3210T-028 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3210T-028 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3210T-028 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3210T-028 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3210T-028 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2007. 6. 19
3/5
KIC3210T-018 ~ KIC3210T-035
Revision No : 5
Electrical Characteristics
(VIN=VOUT+1V, VEN=VIN, IOUT=100
, Ta=25
)
Note 1) Dropout Voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential. For outputs below 2.5V, output voltage is stabilized from the minimum input voltage 2.6V
Note 2) Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
VO
IOUT=100 A
-1
-
1
%
Load Regulation
Reg Load
IOUT=0.1mA ~ 150mA
-
1.5
2.5
%
Line Regulation
Reg Line
VIN=VOUT+1V ~ 6V
-
0.1
0.2
%/V
Dropout Voltage Note 1)
VD
IOUT=100uA
-
0.1
5
mV
IOUT=100mA
-
90
150
mV
IOUT=150mA
-
135
200
mV
Quiescent Current
IQ
VEN=
0.4V (shutdown)
-
0.2
1
A
Ground Pin Current Note 2)
IGND
IOUT=0mA
-
90
150
A
IOUT=150mA
-
117
150
A
Ripple Rejection
R.R
f=10Hz, COUT=1.0 F, CBYP=0.01 F
-
60
-
dB
f=100Hz, VIN=VOUT+1
-
60
-
dB
f=10kHz, VIN=VOUT+1
-
50
-
dB
Current Limit
ILIM
VOUT=0V
160
425
-
mA
Output Noise Voltage
VNO
COUT=1.0 F, CBYP=0.01 F
f=10Hz ~ 100kHz
-
50
-
Vrms
Output Control Voltage (ON-State)
VC(ON)
VIN=2.7V ~ 5.5V, regulator enable
1.6
-
-
V
Output Control Voltage (OFF-State)
VC(OFF)
VIN=2.7V ~ 5.5V, regulator shutdown
-
-
0.4
V
Output Control Current
IC
VC
1.6V, regulator enable
-
0.01
-
A
VC
0.4V, regulator shutdown
-
0.01
-
A
Thermal Shutdown Temperature
TSD
-
150
-
Thermal Shutdown Hysteresis
TSD_HYS
-
10
-
Absolute Maximum Ratings
Characteristics
Symbol
Rating
Units
Input Voltage
VIN
6
V
Output Current
IOUT
150
mA
Output Voltage
VOUT
1.8~3.5
V
Power DissipationNote
PD
900
mW
Operating Temperature
TOPR
-40 ~ 85
Storage Temperature
TSTG
-65 ~ 125
Note) Package Mounted on a Ceramic board (600
0.8
)


同様の部品番号 - KIC3210T-028

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC3210T-028 KEC-KIC3210T-028 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
More results

同様の説明 - KIC3210T-028

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
logo
Toshiba Semiconductor
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S58AFE TOSHIBA-TC75S58AFE Datasheet
152Kb / 8P
   CMOS Linear Integrated Circuit Silicon Monolithic
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com