データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-302-2K5_0810 データシート(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

部品番号 A-302-2K5_0810
部品情報  2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

A-302-2K5_0810 データシート(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  A-302-2K5_0810 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. A-302-2K5_0810 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
A301-2K5-B4
A302-2K5-B4
110V
60Hz 1%
TYPE-2*2ea
A301-2K5-F3
230V
50Hz 1%
TYPE-3*2ea
A302-2K5-F3
230V
50Hz 1%
TYPE-3*2ea
ORDERNO.
SAFETY MODEL NO.
ACVOLTAGE
RATEDPOWER
SURGEPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION
STANDARDRECEPTACLES
NOLOADCURRENTDRAW
DCVOLTAGE
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCONNECTOR
DCCURRENT
INPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERVOLTAGE
OVERLOAD
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
OTHERS
PROTECTION
110V
A-300-2K5W
2500W
5000W
ModifiedSineWave
60Hz 1%
130A
0.6A
24V
21~30VDC
85%
15A*12
21 0.8V
20 0.8V
30~32V
10%
TYPE-2*2ea
0.9A
12V
10~15VDC
82%
250A
30A*12
10 0.5V
9.5 0.5V
15~17V
>2700Wshutdowno/pvoltage,re-powertorecover
60 5
/140 9 F
o
Shut-off
Byfuseopen
FileName: A-301/302-2K5-SPEC 2007-05-14
ISOLATIONRESISTANCE
I/P-O/P:100MOhms/500VDC /25
/70%RH
MTBF
37Khrsmin.MIL-HDBK-217F (25
)
DIMENSION
430*210*159mm(L*W*H)
COOLING
>40
(NTC)fanon
PACKING
8.7kg;2pcs/19kg/CARTON
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
0~+25
@100%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
0.05%/
(0~50
)
None
None
EMSIMMUNITY
CompliancetoEN61000-4-2,3
LVD
CompliancetoEN60950
TYPE-1
JAPAN
TYPE-2
USA
TYPE-3
EUROPE
TYPE-4
UNIVERSAL
TYPE-5
AUSTRALIA
TYPE-6
U.K
ACOutputReceptacles(optional)
CompliancetoEN55022classB,72/245/CEE,95/54/CE
APPLICATIONS
Homeappliance,Powertools,OfficeandPortableequipmentandVehicle...etc.
LEDINDICATOR
GreenLEDforpoweron; YellowLEDforO.T.P.;RedLEDforO.L.P.;BatteryV/A meter
A-301/302-2K5 series
2500WModifiedSineWaveDC-ACPowerInverter
Cooling fan ON-OFF control
12V or 24V DC input
Power ON-OFF switch
Input voltage range: -15% ~ +25%
Output voltage regulation: 10%
Protections: Bat. Low alarm/Bat. Low shutdown/Over voltage/
Over temp./Output short/Input polarity reverse/Over load.
Output waveform: Modified sine wave
ON/OFF remote control(Optional)
Approvals: e13/ CE
1 year warranty
Features :
EMICONDUCTION&RADIATION
10%
Germany
EMC
tested
E S
Germany
LVD
tested
E S


同様の部品番号 - A-302-2K5_0810

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
A-302-2K5 MEANWELL-A-302-2K5 Datasheet
379Kb / 2P
   2500W Modified Sine Wave DC-AC Power Inverter
More results

同様の説明 - A-302-2K5_0810

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
A-301-2K5 MEANWELL-A-301-2K5 Datasheet
379Kb / 2P
   2500W Modified Sine Wave DC-AC Power Inverter
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-1K0 MEANWELL-A-301-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
A-301-1K0_0810 MEANWELL-A-301-1K0_0810 Datasheet
309Kb / 2P
   1000W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-150 MEANWELL-A-301-150 Datasheet
251Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A301-100 MEANWELL-A301-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-600 MEANWELL-A-301-600 Datasheet
391Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-1K7 MEANWELL-A-301-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com