データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE555 データシート(PDF) 6 Page - Diodes Incorporated

部品番号 NE555
部品情報  PRECISION TIMERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE555 データシート(HTML) 6 Page - Diodes Incorporated

Back Button NE555 Datasheet HTML 2Page - Diodes Incorporated NE555 Datasheet HTML 3Page - Diodes Incorporated NE555 Datasheet HTML 4Page - Diodes Incorporated NE555 Datasheet HTML 5Page - Diodes Incorporated NE555 Datasheet HTML 6Page - Diodes Incorporated NE555 Datasheet HTML 7Page - Diodes Incorporated NE555 Datasheet HTML 8Page - Diodes Incorporated NE555 Datasheet HTML 9Page - Diodes Incorporated NE555 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
6 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Typical Performance Characteristics (cont.)
5
6
7
9
14
15
13
12
11
10
8
14
12
10
8
6
4
0
2
V
- SUPPLY VOLTAGE (V)
Supply Current vs. Supply Voltage
CC
T = -40°C
A
Output Low, No Load
T = 25
A
°C
T = 105
A
°C
0
0.05
0.15
0.35
0.4
0.3
0.25
0.2
0.1
LOWEST LEVEL of TRIGGER PULSE -xV
Propagation Delay Time vs.
Lowest Voltage Level of Trigger Pulse
CC
1000
800
700
500
300
0
900
600
400
100
200
0.985
020
15
10
5
V
- SUPPLY VOLTAGE (V)
Normalized Output Pulse Duration
(Monostable Mode) vs. Supply Voltage
CC
0.99
0.995
1
1.005
1.01
1.015
-75
-50
0
100
125
75
50
25
-25
T - FREE AIR TEMPERATURE (°C)
Normalized Output Pulse Duration
(Monostable Mode) vs. Free-Air Temperature
A
1.015
1.01
1.005
1
0.995
0.99
0.0985


同様の部品番号 - NE555

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Texas Instruments
NE555 TI-NE555 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Unisonic Technologies
NE555 UTC-NE555 Datasheet
205Kb / 8P
   SINGLE TIMER
More results

同様の説明 - NE555

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com